Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P60C080 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P60C080
Description  Secure high-performance contact interface smart card controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P60C080 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P60C080 Datasheet HTML 2Page - NXP Semiconductors P60C080 Datasheet HTML 3Page - NXP Semiconductors P60C080 Datasheet HTML 4Page - NXP Semiconductors P60C080 Datasheet HTML 5Page - NXP Semiconductors P60C080 Datasheet HTML 6Page - NXP Semiconductors P60C080 Datasheet HTML 7Page - NXP Semiconductors P60C080 Datasheet HTML 8Page - NXP Semiconductors P60C080 Datasheet HTML 9Page - NXP Semiconductors P60C080 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SMX2_FAM_P60D080_D144_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 21 October 2010
198210
6 of 12
NXP Semiconductors
P60C080 and P60C144
Secure high-performance contact interface smart card controller
6.
Ordering information
Table 2.
Feature table (EEPROM and RAM sizes without applied implementation of MIFARE Plus and/or
DESFire EV1)
Product
type
EEPROM
[KB]
user
ROM
[KB]
total
RAM
[KB]
CXRAM
[KB]
FXRAM
[KB]
Coprocessor
MMU
Copy
machines
ISO/
IEC 7816
IO pads
interface
option
Fame2 DES AES
P60C080
80
384
8.125
5.5
2.625
yes
yes
yes
yes
2
3
ISO/IEC 7816
P60C144
144
384
8.125
5.5
2.625
yes
yes
yes
yes
2
3
ISO/IEC 7816
Table 3.
Ordering information
Type number
Package
Name
Description
Version
P60C080PU15
FFC
12 inch wafer (sawn; 150
μm thickness; on film frame carrier;
electronic fail die marking according to SECSII format)
NAU000
P60C144PU15
P60C080PHN
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5
× 5 × 0.85 mm
SOT617-1
P60C144PHN
P60C080PX80
PCM1.1
contact chip card module (super 35 mm tape format, 8-contact, dual
source)
SOT658-1
P60C144PX80
P60C080PX81
Pd-PCM1.1
palladium plated contact chip card module (super 35 mm tape
format, 8-contact, dual source)
SOT658-1
P60C144PX81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com