Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P60D080 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P60D080
Description  Secure high-performance dual interface smart card controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P60D080 Datasheet(HTML) 2 Page - NXP Semiconductors

  P60D080 Datasheet HTML 1Page - NXP Semiconductors P60D080 Datasheet HTML 2Page - NXP Semiconductors P60D080 Datasheet HTML 3Page - NXP Semiconductors P60D080 Datasheet HTML 4Page - NXP Semiconductors P60D080 Datasheet HTML 5Page - NXP Semiconductors P60D080 Datasheet HTML 6Page - NXP Semiconductors P60D080 Datasheet HTML 7Page - NXP Semiconductors P60D080 Datasheet HTML 8Page - NXP Semiconductors P60D080 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SMX2_FAM_P60D080_D144_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 1 September 2010
197210
2 of 12
NXP Semiconductors
P60D080 and P60D144
Secure high-performance dual interface smart card controller
2.
General description
The P60D080 and P60D144 devices are members of the new SmartMX2 Family and offer
with their two different EEPROM size variations a common set of functional blocks and
interfaces, supporting high-performance, high-security contact, dual-interface and
contactless applications. Figure 1 shows the block diagram of the modular controller
architecture consisting of the following blocks and features:
• SmartMX2 CPU with enhanced application instruction set supporting 32-/24-/16-/8-bit
move, logical and arithmetic functions
• Fame2 coprocessor based on innovative power-efficient and fast architecture for
optimized RSA/ECC cryptography
• SBC coprocessor interface with multiple data/key register sets now supporting both
AES and Triple-DES
• ISO/IEC 7816 data transfer improved with enhanced protocol support for T=0 and
T=1 protocols
• ISO/IEC 14443 Type A contactless interface unit optimized also for small antenna
dimensions
• Fully concurrent operation of contact and contactless communication
• New Copy Machines supporting direct memory access (DMA) to memories and all
SFRs
• Cyclic Redundancy Check (CRC) coprocessors 16-bit/32-bit
• Memory Management Unit (MMU) with 16 cache segments
• New security features especially targeting combined laser light attacks and integrity of
code execution and data fetch
• Development tool suite based on approved suppliers Keil and Ashling
–
μVision4 user interface
– New and high-performance emulation hardware “SmartICE series”
• High-memory SoftMasking DIF device for code development purposes
• Common Criteria security certified high-performance crypto library supporting various
algorithms
• Consequent family concept with regard to all future platforms of the P60 family



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com