Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P60D080 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # P60D080
Description  Secure high-performance dual interface smart card controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P60D080 Datasheet(HTML) 3 Page - NXP Semiconductors

  P60D080 Datasheet HTML 1Page - NXP Semiconductors P60D080 Datasheet HTML 2Page - NXP Semiconductors P60D080 Datasheet HTML 3Page - NXP Semiconductors P60D080 Datasheet HTML 4Page - NXP Semiconductors P60D080 Datasheet HTML 5Page - NXP Semiconductors P60D080 Datasheet HTML 6Page - NXP Semiconductors P60D080 Datasheet HTML 7Page - NXP Semiconductors P60D080 Datasheet HTML 8Page - NXP Semiconductors P60D080 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SMX2_FAM_P60D080_D144_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Objective short data sheet
PUBLIC
Rev. 1 — 1 September 2010
197210
3 of 12
NXP Semiconductors
P60D080 and P60D144
Secure high-performance dual interface smart card controller
3.
Features and benefits
3.1 Product specific features
EEPROM: choice of 80 KB or 144 KB
Data retention time: 25 years minimum
Endurance: 500000 cycles
Versatile EEPROM programming: 1 B to 256 B at a time
ROM: 384 KB
RAM: 8.125 KB (8320 B)
5632 B CXRAM (including 256 B IRAM) usable for CPU
2688 B FXRAM usable for Fame2 or CPU
SmartMX2 CPU
orthogonal instruction set offering 32-/24-/16-/8-bit instructions optimized for
secured and low power smart card applications
Enhanced high-performance secured Public Key Infrastructure (PKI) coprocessor
(RSA, ECC) Fame2
Enhanced high-performance secured hardware support for symmetric block cipher
(SBC) algorithms
Secured dual/triple-DES coprocessor
Secured AES coprocessor
Multiple key and data register sets supporting parallel data/key loading and
calculation
True Random Number Generator (compliant to AIS-31)
16-bit and 32-bit CRC coprocessor supporting fast memory verify functionality
Memory Management Unit (MMU)
16 segment cache entries and performance improvements
supporting integral concept for secure code fetch and execution
Copy Machines offering data transfer between all Special Function Registers and all
memory instances without CPU interaction
Watchdog Timer supporting secure code execution
Time Stamp Counter, Real Time Clock
ISO/IEC 7816 contact interface (UART) and ISO/IEC 14443A Contactless Interface
Unit (CIU)
ISO/IEC 7816 contact interface (UART) offering hardware support
for ISO/IEC 7816 T=0 and T=1 protocol stack implementation
ISO/IEC 14443A Contactless Interface Unit (CIU) supporting data rates of 106
kbit/s, 212 kbit/s, 424 kbit/s, 848 kbit/s and offering hardware support for
ISO/IEC 14443 T=CL protocol stack implementation
Hardware support for automatic WTX generation for both ISO/IEC 7816 UART and
ISO/IEC 14443 CIU
support of concurrent operation of both ISO/IEC 7816 and ISO/IEC 14443 interface
continuos operation from 1.62 V up to 5.5 V supported
−25 °C to +85 °C ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com