Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2904-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # M2904-P08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2904-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  M2904-P08-R Datasheet HTML 1Page - Unisonic Technologies M2904-P08-R Datasheet HTML 2Page - Unisonic Technologies M2904-P08-R Datasheet HTML 3Page - Unisonic Technologies M2904-P08-R Datasheet HTML 4Page - Unisonic Technologies M2904-P08-R Datasheet HTML 5Page - Unisonic Technologies M2904-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
M2904
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R105-024,B
TYPICAL CHARACTERISTICS
Operating Current vs.Operating Voltage
Operating Voltage: V + (V)
0
Input Bias Current vs.Operating Voltage
10
25
100
75
50
0
20
30
40
0
Voltage Gain vs.Operating Voltage
10
40
160
120
80
0
20
30
40
Operating Voltage: V+ (V)
RL=20kΩ
RL=2kΩ
120
80
100
Frequency, f (Hz)
1k
100
60
40
20
10k
100k
Channel Separation vs. Frequency
1k
10k
5
20
15
10
0
100k
1M
Frequency, f (Hz)
Maximum Output Voltage Swing vs.Frequency
Frequency, f (Hz)
Open Loop Voltage Gain vs. Frequency
Ta=25℃
Operating Voltage: V + (V)
V+=5V,RL=2kΩ
Ta=25℃
V+=15V,Ta=25℃
0
10
1
4
3
2
0
20
30
40
Ta=0 ~ +75℃
Ta= -20℃
1
10
80
140
120
100
0
100
1k
60
40
20
10k 100k 1M 10M
V =30V
+
V +=10~15V
RL=∞,Ta=25℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com