Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2904-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # M2904-P08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

M2904-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  M2904-P08-R Datasheet HTML 1Page - Unisonic Technologies M2904-P08-R Datasheet HTML 2Page - Unisonic Technologies M2904-P08-R Datasheet HTML 3Page - Unisonic Technologies M2904-P08-R Datasheet HTML 4Page - Unisonic Technologies M2904-P08-R Datasheet HTML 5Page - Unisonic Technologies M2904-P08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
M2904
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 6
Copyright © 2005 Unisonic Technologies Co., Ltd
QW-R105-024,B
SINGLE-SUPPLY DUAL
OPERATIONAL AMPLIFIER
DESCRIPTION
The UTC M2904 consists of two independent, high gain,
internally frequency compensated operation amplifiers which
were designed specifically to operate from a single power
supplies is also possible and the low power supply current
drain is independent of the magnitude of the power supply
voltage.
FEATURES
*Single Supply
*Operating Voltage: +3V~+32V
*Low Operating Current: 0.7mA (typ.)
*Slew Rate: 0.5V/μs (typ.)
DIP-8
SOP-8
TSSOP-8
*Pb-free plating product number: M2904L
ORDERING INFORMATION
Order Number
Normal
Lead Free Plating
Package
Packing
M2904-D08-T
M2904L-D08-T
DIP-8
Tube
M2904-P08-R
M2904L-P08-R
TSSOP-8
Tape Reel
M2904-P08-T
M2904L-P08-T
TSSOP-8
Tube
M2904-S08-R
M2904L-S08-R
SOP-8
Tape Reel
M2904-S08-T
M2904L-S08-T
SOP-8
Tube
M2904L-D08-R
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) R: Tape Reel, T: Tube
(2) D08: DIP-8, P08: TSSOP-8, S08: SOP-8
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - M2904-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
M2904 UTC-M2904 Datasheet
234Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
M2904G-D08-T UTC-M2904G-D08-T Datasheet
234Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
M2904G-D08-T UTC-M2904G-D08-T Datasheet
275Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
M2904G-P08-R UTC-M2904G-P08-R Datasheet
234Kb / 6P
SINGLE-SUPPLY DUAL OPERATIONAL AMPLIFIER
M2904G-P08-R UTC-M2904G-P08-R Datasheet
275Kb / 6P
DUAL OPERATIONAL AMPLIFIER-DUAL COMPARATOR
More results

Similar Description - M2904-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UZ1086 UTC-UZ1086 Datasheet
129Kb / 5P
LINEAR INTEGRATED CIRCUIT
M4565 UTC-M4565 Datasheet
127Kb / 4P
LINEAR INTEGRATED CIRCUIT
TA31142 UTC-TA31142 Datasheet
53Kb / 6P
LINEAR INTEGRATED CIRCUIT
UTC78D UTC-UTC78D Datasheet
104Kb / 7P
LINEAR INTEGRATED CIRCUIT
TL432C UTC-TL432C_07 Datasheet
103Kb / 3P
LINEAR INTEGRATED CIRCUIT
logo
Wing Shing Computer Com...
AN6650 WINGS-AN6650 Datasheet
56Kb / 3P
Linear Integrated Circuit
logo
Leshan Radio Company
LR431ATLTIG LRC-LR431ATLTIG Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LR431BPTLT1G LRC-LR431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431APTLT1G LRC-LTL431APTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
LTL431BPTLT1G LRC-LTL431BPTLT1G Datasheet
116Kb / 5P
LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com