Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC4556L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # MC4556L-S08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC4556L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  MC4556L-S08-R Datasheet HTML 1Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 2Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 3Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 4Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 5Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 6Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UTCMC4556
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R105-015,B
BLOCK DIAGRAM
Vcc+
Vcc-
IN(-)
IN(+)
OUTPUT
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
V+/V-
±18
V
Differential Input Voltage
VID
±30
V
Input Voltage
VI
±15(note)
V
Power Dissipation
DIP-8
SOP-8
PD
700
300
mW
mW
Operating Temperature Range
TOPR
-20 ~ +75
°C
Storage Temperature Range
TSTG
-40 ~ +125
°C
Note: For supply voltage less than ±15V, the absolute maximum input voltage is equal to the supply voltage.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com