Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC4556L-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # MC4556L-S08-R
Description  LINEAR INTEGRATED CIRCUIT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MC4556L-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  MC4556L-S08-R Datasheet HTML 1Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 2Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 3Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 4Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 5Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 6Page - Unisonic Technologies MC4556L-S08-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
UTCMC4556
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
4
QW-R105-015,B
ELECTRICAL CHARACTERISTICS (Ta=25°C , V+/ V-=±15V)
PARAMETER
SYMBOL
TEST CONDUCTION
MIN
TYP
MAX
UNIT
Input offset voltage
VIO
Rs
≤10kΩ
-
0.5
6
mV
Input offset current
IIO
-
5
60
nA
Input bias current
IB
-
50
500
nA
Input Resistance
RIN
0.3
5
-
M
Ω
Large Signal Voltage Gain
Av
RL≥2kΩ, Vo=±10V
86
100
-
dB
Maximum Output Voltage 1
VOM1
RL≥2kΩ
±12.0 ±13.5
-
V
Maximum Output Voltage 2
VOM2
RL≥150Ω
±10.5 ±11.0
-
V
Input Common Mode Voltage
Range
VICM
±13.5 ±14.0
-
V
Common Mode Rejection Ratio
CMR
Rs
≤10kΩ
70
90
-
dB
Supply Voltage Rejection Ratio
SVR
Rs
≤10kΩ
76.5
90
-
dB
Operating Current
Icc
-
9
12
mA
Slew Rate
SR
-
3
-
V/
µs
Unity Gain Bandwidth
GB
-
8
-
MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com