Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UR5596-S08-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UR5596-S08-R
Description  MOS IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR5596-S08-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UR5596-S08-R Datasheet HTML 3Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 4Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 5Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 6Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 7Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 8Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 9Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 10Page - Unisonic Technologies UR5596-S08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
UR5596
MOS IC
UNISONICTECHNOLOGIESCO.,LTD
10
www.unisonic.com.tw
QW-R502-045,A
TYPICAL PERFORMANCE CHARACTERISTICS(cont.)
1.8
1.7
1.6
1.5
1.2
1.1
2
2.5
3
3.5
4
5
5.5
AVIN (V)
Maximum Sourcing Current vs AVIN
1.4
1.3
4.5
3
2.8
2.6
2.2
2
33.5
4
5
5.5
AVIN (V)
Maximum Sourcing Current vs AVIN
2.4
4.5
(VDDQ=2.5V, PVIN=2.5V)
(VDDQ=2.5V, PVIN=3.3V)
3.0
2.8
2.6
2.4
1.8
1.6
22.5
3
3.5
4
55.5
AVIN (V)
Maximum Sinking Current vs AVIN
(VDDQ=2.5V)
2.2
2.0
4.5
1
0.8
0.2
0
22.5
3
5
5.5
AVIN (V)
Maximum Sourcing Current vs AVIN
0.6
4
3.5
4.5
0.4
1.2
1.4
VDDQ=2.5V
(VDDQ=1.8V, PVIN=1.8V)
2.4
2.2
2
1.8
1.2
1
22.5
3
3.5
4
5
5.5
AVIN (V)
Maximum Sinking Current vs AVIN
(VDDQ=1.8V)
1.6
1.4
4.5
2.6
2.2
2
33.5
4
5
5.5
AVIN (V)
Maximum Sourcing Current vs AVIN
(VDDQ=1.8V, PVIN=3.3V)
2.4
4.5
2.8
3
VDDQ=1.8V
(VDDQ=1.8V, PVIN=3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com