Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC400-RTR2 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 1 Page - Texas Instruments

  CC400-RTR2 Datasheet HTML 1Page - Texas Instruments CC400-RTR2 Datasheet HTML 2Page - Texas Instruments CC400-RTR2 Datasheet HTML 3Page - Texas Instruments CC400-RTR2 Datasheet HTML 4Page - Texas Instruments CC400-RTR2 Datasheet HTML 5Page - Texas Instruments CC400-RTR2 Datasheet HTML 6Page - Texas Instruments CC400-RTR2 Datasheet HTML 7Page - Texas Instruments CC400-RTR2 Datasheet HTML 8Page - Texas Instruments CC400-RTR2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CC400
SWRS050
Page 1 of 32
CC400
Single Chip High Performance RF Transceiver
Applications
• UHF wireless data transmitters and
receivers
• Wireless alarm and security systems
• 315 / 426 / 429 / 433 MHz ISM/SRD
band systems
• Point of sale terminals
• Remote control systems
• Home security and automation
• Low power telemetry
• AMR – Automatic Meter Reading
• Environmental control
Product Description
CC400 is a single-chip high performance,
half-duplex,
FSK,
UHF
transceiver
designed for low power and low-voltage
wireless applications. The circuit is mainly
intended for the ISM (Industrial, Scientific
and Medical) frequency bands at 315, 418
and 433 MHz, but can easily be
programmed
for
operation
at
other
frequency bands in the 300 - 500 MHz
range.
The main operating parameters of
CC400
can be programmed via a serial interface,
thus making
CC400 a very flexible and
easy to use component. In a typical
system
CC400 will be used together with a
microcontroller and a few external passive
components.
CC400 is based on Chipcon’s SmartRF®
technology.
Features
• Single chip RF transceiver
• Frequency range 300 – 500 MHz
• High sensitivity (typical -110 dBm)
• Programmable output power up to 25
mW (14 dBm)
• Small size (SSOP-28 package)
• Low supply voltage (2.7 V to 3.3 V)
• Very few external components required
• FSK modulation
• Very low phase noise
• Data-rate up to 9.6 kbps
• Suitable for both narrow and wide band
systems
• Suitable
for
frequency
hopping
protocols
• Frequency-Lock indicator
• Development kit available
• Easy-to-use software (SmartRF Studio)
for generating the
CC400 configuration
data


Similar Part No. - CC400-RTR2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC400-RTR2 TI-CC400-RTR2 Datasheet
575Kb / 31P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
CC400-RTR2 TI-CC400-RTR2 Datasheet
575Kb / 31P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
More results

Similar Description - CC400-RTR2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
NRF401 ETC-NRF401 Datasheet
273Kb / 18P
433MHz Single Chip RF Transceiver
logo
Texas Instruments
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
GJRF400 ETC1-GJRF400 Datasheet
117Kb / 8P
SINGLE CHIP RF TRANSCEIVER
logo
Texas Instruments
TRF6901 TI1-TRF6901_08 Datasheet
627Kb / 32P
SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
SINGLE- CHIP RF TRANSCEIVER
CC400 TI-CC400_V02 Datasheet
575Kb / 31P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
CC400 TI-CC400_V03 Datasheet
575Kb / 31P
Single Chip High Performance RF Transceiver
3.2 2005-05-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com