Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC400-RTR2 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC400-RTR2
Description  Single Chip High Performance RF Transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 2Page - Texas Instruments CC400-RTR2 Datasheet HTML 3Page - Texas Instruments CC400-RTR2 Datasheet HTML 4Page - Texas Instruments CC400-RTR2 Datasheet HTML 5Page - Texas Instruments CC400-RTR2 Datasheet HTML 6Page - Texas Instruments CC400-RTR2 Datasheet HTML 7Page - Texas Instruments CC400-RTR2 Datasheet HTML 8Page - Texas Instruments CC400-RTR2 Datasheet HTML 9Page - Texas Instruments CC400-RTR2 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CC400
SWRS050
Page 10 of 32
12.
Configuration Overview
CC400 can be configured to achieve the best performance for different applications. Through
the programmable configuration registers the following key parameters can be programmed:
• Receive/Transmit mode.
• RF output power level.
• Power amplifier operation class (A, AB,
B or C).
• Frequency synthesiser key parameters:
RF output frequency, FSK modulation
frequency
separation
(deviation),
crystal oscillator reference frequency.
• Power-down/power-up mode.
• Reference oscillator on or off in power
down
mode
(when
on,
shorter
frequency synthesiser start-up time is
achieved).
• The IF (intermediate frequency) can be
set to either 60 kHz or 200 kHz using
on-chip filters, or 455 kHz using an
external filter.
• Data rate can be selected.
• Synthesiser lock indicator mode. The
lock detection can be enabled/disabled.
When enabled, two lock detection
modes can be chosen, either "mono-
stable" or continuous.
• In receive mode precharging of the
demodulator can be used to achieve
faster settling time (see p.21).
13.
Configuration Software
Chipcon will provide users of
CC400 with a
program,
SmartRF
Studio
(Windows
interface) that generates all necessary
CC400 configuration data based on the
user's selections of various parameters.
Based on the selections 8 hexadecimal
numbers
are
generated.
These
hexadecimal numbers will then be the
necessary input to the microcontroller for
configuration of
CC400. In addition the
program will provide the user with the
component values needed for the PLL
loop filter and the input/output matching
circuit.
Figure 3 shows the user interface of the
CC400 configuration software.
Figure 3: SmartRF Studio user interface.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com