Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50A24 Datasheet(PDF) 2 Page - Applied Motion Products, Inc.

Part # PS50A24
Description  PS50A24 Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

PS50A24 Datasheet(HTML) 2 Page - Applied Motion Products, Inc.

  PS50A24 Datasheet HTML 1Page - Applied Motion Products, Inc. PS50A24 Datasheet HTML 2Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
404 Westridge Drive
Watsonville, CA 95076
USA.
Tel: 800-525-1609 - Fax: 831-761 -6544
www.applied-motion.com
DistributeD by:
Specification
Value
NomiNal output Voltage
V
24
maximum output CurreNt
A
2.1
maximum output power
W
50.4
effiCieNCy (typ)
(115/230VAC) ( * 1 )%
85 / 86
iNput Voltage raNge
90 ~ 265VAC (47-63Hz) or 120 ~ 370VDC
iNput CurreNt (typ)
(115/230VAC) ( * 1 )A
1.3 / 0.8
iNrush CurreNt (typ)
(115/230VAC)
18 / 36 , Ta=25 °C ~ Cold Start
output Voltage raNge
V
21.6-26.4
ripple aNd Noise
(115/230VAC) ( * 1, 2 ) mV
150
liNe regulatioN
( * 2 ) %
+/-0.3
load regulatioN
( * 2 ) %
+/-0.3
temperature CoeffiCieNt
Less than 0.03%/°C
( 0 ~ 50°C )
oVer CurreNt proteCtioN
( * 3 ) %
105~150
oVer Voltage proteCtioN
( * 3 ) V
27.6~32.4
hold-up time (typ)
(115/230VAC) ( * 1 ) mS
15 / 80
leakage CurreNt
(115/230VAC) mA
0.5/1.0
operatiNg temperature
( * 4 )
- 10 ~ + 60 °C (Refer to Output De-rating Curve)
operatiNg humidity
20 ~ 90 %RH (Non condensing)
storage temperature
- 30 ~ +85°C
storage humidity
10 ~ 95%RH ( Non condensing)
CooliNg method
Convection cooling
withstaNd Voltage
Input - Output : 3.0kVAC (20mA), Input - FG : 2.0kVAC (20mA)
Output - FG : 500VAC (100mA) for 1min.
isolatioN resistaNCe
More than 100MΩ at Ta=25°C and 70%RH, Output - FG : 500VDC
VibratioN
At no operating, 10 - 55Hz, 10min. 1cycle , 2G Constant, X, Y, Z 1hour each
safety
Pending, UL60950-1, CSA60950-1, EN60950-1
emi
Compliance to FCC-Class B, EN55011/EN55022-B, VCCI-B
ems immuNity
Compliance to EN61000-4-2,-3,-4,-5,-6,-8,-11
weight (typ)
Lb (g)
0.88 (400)
dimeNsioN
inch (mm)
3.89 x 3.81 x 1.41 (99 x 97 x 36) (Refer to next page)
at maximum output power, nominal input voltage, ta = 25°C.
1.
ripple & noise are measured at bandwidth of 20mhz by using a 12’’ twisted pair-wire terminated with a 0.1uf&47uf parallel capacitor.
2.
shutdown output voltage, manual reset. re-power on to recover.
3.
refer to output de-rating Curve (next page) for details.
4.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com