Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS50A24 Datasheet(PDF) 1 Page - Applied Motion Products, Inc.

Part # PS50A24
Description  PS50A24 Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMP [Applied Motion Products, Inc.]
Direct Link  https://www.applied-motion.com/
Logo AMP - Applied Motion Products, Inc.

PS50A24 Datasheet(HTML) 1 Page - Applied Motion Products, Inc.

  PS50A24 Datasheet HTML 1Page - Applied Motion Products, Inc. PS50A24 Datasheet HTML 2Page - Applied Motion Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PS50A24 Power Supply
#006BB3
#FFFFFF
When over a dark color...
#383838
85%k
76%C
68%M
67%Y
90%K
Features
85
Ambient Temperature (oC)
100
20
40
60
80
Vin (V)
100
20
40
60
80
100 115 130 145 160
265
250
-10
0
10
20 30
40
60
50
70
Output Derating Curve
Dimensions
Performance
3.95 (100.33)
1.42 (36.07)
3.83 (97.28)


Similar Part No. - PS50A24

ManufacturerPart #DatasheetDescription
logo
Powersolve Electronics ...
PS50 POWERSOLVE-PS50 Datasheet
272Kb / 4P
High Density DC-DC Modules
logo
Clarke International
PS50 CLARKE-PS50 Datasheet
7Mb / 24P
ENGINE DRIVEN SEMI TRASH 2” PUMP
GC1124
logo
Powersolve Electronics ...
PS50--24-S12 POWERSOLVE-PS50--24-S12 Datasheet
272Kb / 4P
High Density DC-DC Modules
logo
List of Unclassifed Man...
PS50-12S05 ETC2-PS50-12S05 Datasheet
266Kb / 4P
High Density DC-DC Modules
logo
Powersolve Electronics ...
PS50-12S05 POWERSOLVE-PS50-12S05 Datasheet
272Kb / 4P
High Density DC-DC Modules
More results

Similar Description - PS50A24

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
RF-7850A-PS001 HARRIS-RF-7850A-PS001 Datasheet
79Kb / 2P
Power Supply
logo
LinkCom Manufacturing C...
45-LCCE LINKCOM-45-LCCE Datasheet
532Kb / 4P
Power Supply
75-LCCEA LINKCOM-75-LCCEA Datasheet
493Kb / 5P
Power Supply
80-LCCH LINKCOM-80-LCCH Datasheet
535Kb / 4P
Power Supply
300-LCVH LINKCOM-300-LCVH Datasheet
505Kb / 5P
Power Supply
DTW LINKCOM-DTW Datasheet
491Kb / 5P
Power Supply
HVO LINKCOM-HVO Datasheet
1Mb / 9P
Power Supply
logo
Pepperl+Fuchs Inc.
K26-STR-24VDC-2A PF-K26-STR-24VDC-2A Datasheet
1Mb / 4P
Power supply
FB9205C PF-FB9205C Datasheet
493Kb / 3P
Power supply
FB9215B2 PF-FB9215B2 Datasheet
501Kb / 3P
Power supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com