Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES07B Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ES07B
Description  Ultrafast Rectifier Surface-Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES07B Datasheet(HTML) 2 Page - Vishay Siliconix

  ES07B Datasheet HTML 1Page - Vishay Siliconix ES07B Datasheet HTML 2Page - Vishay Siliconix ES07B Datasheet HTML 3Page - Vishay Siliconix ES07B Datasheet HTML 4Page - Vishay Siliconix ES07B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ES07B, ES07D
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 26-Feb-2021
2
Document Number: 85737
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
Pulse test: 300 μs pulse width, 1 % duty cycle
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Typical Forward Characteristics
Fig. 2 - Forward Current Derating Curve
Fig. 3 - Typical Diode Capacitance vs. Reverse Voltage
Fig. 4 - Typical Reverse Characteristics
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Instantaneous forward voltage
IF = 1 A (1)
ES07B
VF
0.98
V
ES07D
VF
0.98
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
ES07B
IR
10
μA
ES07D
IR
10
μA
TA = 100 °C
ES07B
IR
50
μA
ES07D
IR
50
μA
Reverse recovery time
IF = 0.5 A, IR = 1 A, Irr = 0.25 A
ES07B
trr
25
ns
ES07D
trr
25
ns
Typical capacitance
4 V, 1 MHz
ES07B
Cj
4pF
ES07D
Cj
4pF
0.001
1
0.1
0.01
10
00.4
0.2
0.6
0.8
1.0
1.2
1.4
18242
V
F (V)
Typical at 150 °C
Typical at 100 °C
Typical at 25 °C
0
1.2
1.0
0.8
0.4
0.6
0.2
1.4
050
25
75
100
125
150
18243
Temperature (Ambient or Lead) (°C)
Ambient temperature
Lead temperature
0
6
5
4
2
3
1
7
0.1
1
10
100
18244
V
R (V)
f = 1 MHz
0
40
80
120
160
200
V
R (V)
1000
100
10
1
0.1
0.01
18245
T
j = - 50 °C
T
j = 150 °C
T
j = 25 °C
T
j = 50 °C
T
j = 75 °C
T
j = 100 °C
T
j = 125 °C
T
j = 0 °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com