Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES07B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ES07B
Description  Ultrafast Rectifier Surface-Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES07B Datasheet(HTML) 1 Page - Vishay Siliconix

  ES07B Datasheet HTML 1Page - Vishay Siliconix ES07B Datasheet HTML 2Page - Vishay Siliconix ES07B Datasheet HTML 3Page - Vishay Siliconix ES07B Datasheet HTML 4Page - Vishay Siliconix ES07B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ES07B, ES07D
www.vishay.com
Vishay Semiconductors
Rev. 2.4, 26-Feb-2021
1
Document Number: 85737
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultrafast Rectifier Surface-Mount
LINKS TO ADDITIONAL RESOURCES
FEATURES
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• Glass passivated pellet chip junction
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Meets JESD 201 class 2 whisker test
• Wave and reflow solderable
• AEC-Q101 qualified
• Compatible to SOD-123W package case outline or
SOD-123F and SOD-123FL
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
MECHANICAL DATA
Case: SMF (DO-219AB)
Polarity: band denotes cathode end
Weight: approx. 15 mg
Packaging codes / options:
GS18/10K per 13" reel (8 mm tape)
GS08/3K per 7" reel (8 mm tape)
Circuit configuration: single
Note
(1)
Mounted on epoxy glass PCB with 3 mm x 3 mm Cu pads (
≥ 40 μm thick)
Note
(1)
Mounted on epoxy glass PCB with 3 mm x 3 mm Cu pads (
≥ 40 μm thick)
1
2
23020
eSMP® Series
SMF (DO-219AB)
23019
333
DDD3 D
3D Models
PARTS TABLE
PART
ORDERING CODE
MARKING
REMARKS
ES07B
ES07B-GS18 or ES07B-GS08
EB
Tape and reel
ES07D
ES07D-GS18 or ES07D-GS08
ED
Tape and reel
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
ES07B
VRRM
100
V
ES07D
VRRM
200
V
Maximum RMS voltage
ES07B
VRMS
70
V
ES07D
VRMS
140
V
Maximum DC blocking voltage
ES07B
VDC
100
V
ES07D
VDC
200
V
Maximum average forward rectified current
TL = 109 °C
IF(AV)
1.2
A
TA = 65 °C (1)
IF(AV)
0.5
A
Peak forward surge current 8.3 ms single half sine-wave
TL = 25 °C
IFSM
30
A
THERMAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Thermal resistance junction to ambient air (1)
RthJA
180
K/W
Operating junction and storage temperature range
Tj, Tstg
-55 to 150
°C


Similar Part No. - ES07B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ES07B GE-ES07B Datasheet
30Kb / 1P
Small Surface Mount Ultrafast Rectifiers
logo
Galaxy Semi-Conductor H...
ES07B BILIN-ES07B Datasheet
173Kb / 3P
SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
ES07B VISHAY-ES07B Datasheet
137Kb / 6P
Small Surface Mount Ultrafast Diodes
13-Apr-05
ES07B VISHAY-ES07B Datasheet
80Kb / 5P
Small Surface Mount Ultrafast Diodes
20-Aug-10
logo
Shenzhen Taychipst Elec...
ES07B TAYCHIPST-ES07B Datasheet
1Mb / 2P
Small Surface Mount Ultrafast Diodes
More results

Similar Description - ES07B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH3B VISHAY-UH3B Datasheet
108Kb / 5P
Surface Mount Ultrafast Rectifier
29-May-08
US1A VISHAY-US1A Datasheet
107Kb / 5P
Surface Mount Ultrafast Rectifier
27-Aug-07
logo
Pan Jit International I...
UF3A PANJIT-UF3A_09 Datasheet
113Kb / 3P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH1PB VISHAY-UH1PB Datasheet
83Kb / 5P
Surface Mount Ultrafast Rectifier
19-Apr-11
US1A VISHAY-US1A_11 Datasheet
85Kb / 5P
Surface Mount Ultrafast Rectifier
19-Apr-11
UH1B VISHAY-UH1B_V01 Datasheet
91Kb / 5P
Surface Mount Ultrafast Rectifier
17-Dec-12
UH3B VISHAY-UH3B_V01 Datasheet
90Kb / 5P
Surface Mount Ultrafast Rectifier
17-Dec-12
US1 VISHAY-US1_V01 Datasheet
1Mb / 5P
Surface-Mount Ultrafast Rectifier
08-Apr-2020
UH2B-M3 VISHAY-UH2B-M3 Datasheet
88Kb / 4P
Surface Mount Ultrafast Rectifier
Revision: 23-Oct-13
UH2B VISHAY-UH2B_V01 Datasheet
91Kb / 5P
Surface Mount Ultrafast Rectifier
22-Mar-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com