Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCF3 Datasheet(PDF) 2 Page - Schneider Electric

Part # VCF3
Description  TeSys Vario - emergency stop switch disconnector - 63 A - on door
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VCF3 Datasheet(HTML) 2 Page - Schneider Electric

  VCF3 Datasheet HTML 1Page - Schneider Electric VCF3 Datasheet HTML 2Page - Schneider Electric VCF3 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
[Icm] Rated Short Circuit
Making Capacity
2.1 kA 400 V at Ipeak
[Icw] Rated Short Time
Withstand Current
756 A 400 V 1 s
[Uimp] Rated Impulse Withstand
Voltage
8 kV
Suitability for Isolation
Yes
Network Type
DC
AC
Intermittent Duty Class
30
Control Type
Rotary handle
Rotary Handle Mounting Style
Direct
Handle Color
Red
Handle Front Plate Color
Yellow
Rotary Handle Padlocking
1 to 3 padlocks 0.16…0.31 in (4…8 mm)
Marking
0 - 1
Mechanical Durability
30000 cycles
Electrical Durability
30000 cycles AC-21
30000 cycles DC-1...5
IEC Terminal Connection
Power circuit screw clamp terminals 0.04 in² (25 mm²) solid
Power circuit screw clamp terminals 0.02 in² (16 mm²) flexible - with cable end
Tightening Torque
Power circuit 35.40 lbf.in (4 N.m) screw clamp terminals
Base Dimension
60 x 60 mm
Height
3.27 in (83 mm)
Width
2.36 in (60 mm)
Product Weight
1.23 lb(US) (0.56 kg)
Environment
Standards
IEC 60947-3
Product Certifications
GL
CCC
CSA
UL
UKCA
Degree of Protection
IP20 conforming to IEC 60529
IP65
Protective Treatment
TC
Mechanical Robustness
Vibrations 10...150 Hz 1 gn) IEC 60068-2-6
Shocks 11 ms 30 Gn) IEC 60068-2-27
Ambient Air Temperature for
Operation
-4…122 °F (-20…50 °C)
Fire Resistance
1760 °F (960 °C) IEC 60695-2-1
Compatibility Code
Main switch disconnector
Ordering and shipping details
Category
21730-V VARIO SWITCH
Discount Schedule
CP1
GTIN
3389110165999
Nbr. of units in pkg.
1
Package weight(Lbs)
11.99 oz (340.0 g)
2
Jun 13, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com