Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCF3 Datasheet(PDF) 1 Page - Schneider Electric

Part # VCF3
Description  TeSys Vario - emergency stop switch disconnector - 63 A - on door
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

VCF3 Datasheet(HTML) 1 Page - Schneider Electric

  VCF3 Datasheet HTML 1Page - Schneider Electric VCF3 Datasheet HTML 2Page - Schneider Electric VCF3 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
TeSys Vario - emergency stop
switch disconnector - 63 A - on door
VCF3
Product availability : Stock - Normally stocked in distribution
facility
Price* : 282.00 USD
Main
Range
TeSys
Product Name
TeSys VARIO
Device Short Name
VCF
Product Type
Emergency stop switch disconnector
Complementary
Device Composition
Switch
Handle
Mounting Support
Handle door
Switch door
Mounting Method
By 4 screws handle
Performance Level
High performance
Number of Poles
3P
Contact Type and Composition
3 NO
[Ue] IEC Rated Operational
Voltage
690 V AC 50/60 Hz
IEC Rated Operational Power in
W
11 kW 230...240 V AC-3)
22 kW 500 V AC-3)
22 kW 690 V AC-23A)
30 kW 500 V AC-23A)
18.5 kW 400...415 V AC-3)
18.5 kW 690 V AC-3)
15 kW 230...240 V AC-23A)
22 kW 400...415 V AC-23A)
[Ie] Rated Operational Current
41.5 A AC-23 Ue: 400 V
[Ith] Conventional Free Air
Thermal Current
63 A
[Ithe] Conventional Enclosed
Thermal Current
50 A
Making Capacity ( I Rms)
630 A 400 V AC-21A
630 A 400 V AC-22A
630 A 400 V AC-23A
Breaking Capacity
500 A 400 V AC-21A)
500 A 400 V AC-22A)
500 A 400 V AC-23A)
Rated Conditional Short Circuit
Current
10 kA 400 V 63 A aM
10 kA 400 V 63 A gG
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 13, 2022
1


Similar Part No. - VCF3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF3 SCHNEIDER-VCF3 Datasheet
113Kb / 3P
TeSys Vario - emergency stop switch disconnector - 63 A - on door
Jul 12, 2021
VCF3GE SCHNEIDER-VCF3GE Datasheet
118Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 50A, IP65
Jul 12, 2021
VCF3GE SCHNEIDER-VCF3GE Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 50A, IP65
Jun 13, 2022 1
VCF3GE SCHNEIDER-VCF3GE_V01 Datasheet
130Kb / 3P
TeSys Vario enclosed, emergency switch disconnector, 50A, IP65
Jun 13, 2022 1
More results

Similar Description - VCF3

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF3 SCHNEIDER-VCF3 Datasheet
113Kb / 3P
TeSys Vario - emergency stop switch disconnector - 63 A - on door
Jul 12, 2021
VCF2 SCHNEIDER-VCF2 Datasheet
184Kb / 3P
TeSys Vario - emergency stop switch disconnector - 40 A - on door
Jul 12, 2021
VCF02 SCHNEIDER-VCF02 Datasheet
185Kb / 3P
TeSys Vario - emergency stop switch disconnector - 12 A - on door
Jul 12, 2021
VCD01 SCHNEIDER-VCD01 Datasheet
185Kb / 3P
TeSys Vario - emergency stop switch disconnector - 20 A - on door
Jul 12, 2021
VCD02 SCHNEIDER-VCD02_V01 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 12 A - on door
Jun 13, 2022
VCD1 SCHNEIDER-VCD1 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - on door
Jun 13, 2022
VCF02 SCHNEIDER-VCF02_V01 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 12 A - on door
Jun 13, 2022
VCF2 SCHNEIDER-VCF2_V01 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 40 A - on door
Jun 13, 2022
VCF4 SCHNEIDER-VCF4_V01 Datasheet
180Kb / 3P
TeSys Vario - emergency stop switch disconnector - 80 A - on door
Jun 13, 2022
VCF6 SCHNEIDER-VCF6 Datasheet
128Kb / 3P
TeSys Vario - emergency stop switch disconnector - 175 A - on door
Jun 13, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com