Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC00SCX Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74AC00SCX
Description  Quad 2-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74AC00SCX Datasheet(HTML) 1 Page - ON Semiconductor

  74AC00SCX Datasheet HTML 1Page - ON Semiconductor 74AC00SCX Datasheet HTML 2Page - ON Semiconductor 74AC00SCX Datasheet HTML 3Page - ON Semiconductor 74AC00SCX Datasheet HTML 4Page - ON Semiconductor 74AC00SCX Datasheet HTML 5Page - ON Semiconductor 74AC00SCX Datasheet HTML 6Page - ON Semiconductor 74AC00SCX Datasheet HTML 7Page - ON Semiconductor 74AC00SCX Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 2002
October, 2021 − Rev. 3
1
Publication Order Number:
74ACT00/D
Quad 2-Input NAND Gate
74AC00, 74ACT00
Description
The AC00/ACT00 contains four, 2−input NAND gates.
Features
ICC Reduced by 50%
Outputs Source/Sink 24 mA
ACT00 Has TTL−Compatible Inputs
Figure 1. Connection Diagram
1
14
2
3
4
5
6
7
13
12
11
10
9
8
A0
B0
A1
B1
GND
VCC
A3
B3
B2
A2
01
00
02
03
Figure 2. Logic Symbol
A0
B0
A1
B1
IEEE/IEC
&
01
00
03
02
A2
B2
A3
B3
PIN DESCRIPTION
Pin Name
Pin Description
An, Bn
Inputs
0n
Outputs
SOIC−14
CASE 751EF
MARKING DIAGRAM
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
1
14
AC00G
AWLYWW
1
14
AC00
= Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
G
= Pb−Free Package
1
14
TSSOP−14 WB
CASE 948G
ACT
= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
SOIC−14
TSSOP−14 WB
ACT
ALYWG
1
14


Similar Part No. - 74AC00SCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC00SCX FAIRCHILD-74AC00SCX Datasheet
307Kb / 10P
Quad 2-Input NAND Gate
74AC00SCX-NL FAIRCHILD-74AC00SCX-NL Datasheet
104Kb / 7P
Quad 2-Input NAND Gate
More results

Similar Description - 74AC00SCX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
Quad 2-Input NAND Gate
logo
NXP Semiconductors
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
Quad 2-input NAND gate
1995 Sep 18
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
Quad 2-input NAND gate
1999 Sep 23
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
Quad 2-input NAND gate
1990 Oct 04
logo
STMicroelectronics
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
QUAD 2-INPUT NAND GATE
Apr-1997
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
QUAD 2-INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
QUAD 2 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS00A FAIRCHILD-DM74ALS00A Datasheet
60Kb / 5P
Quad 2-Input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC00A KODENSHI-KK74HC00A Datasheet
235Kb / 5P
Quad 2-Input NAND Gate
logo
Renesas Technology Corp
HD74AC00 RENESAS-HD74AC00 Datasheet
101Kb / 7P
Quad 2-Input NAND Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com