Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AC00SCX Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74AC00SCX
Description  Quad 2-Input NAND Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74AC00SCX Datasheet(HTML) 2 Page - ON Semiconductor

  74AC00SCX Datasheet HTML 1Page - ON Semiconductor 74AC00SCX Datasheet HTML 2Page - ON Semiconductor 74AC00SCX Datasheet HTML 3Page - ON Semiconductor 74AC00SCX Datasheet HTML 4Page - ON Semiconductor 74AC00SCX Datasheet HTML 5Page - ON Semiconductor 74AC00SCX Datasheet HTML 6Page - ON Semiconductor 74AC00SCX Datasheet HTML 7Page - ON Semiconductor 74AC00SCX Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74AC00, 74ACT00
www.onsemi.com
2
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Rating
VCC
Supply Voltage
−0.5 V to +7.0 V
IIK
DC Input Diode Current
VI = −0.5 V
−20 mA
VI = VCC + 0.5
+20 mA
VI
DC Input Voltage
−0.5 V to VCC + 0.5 V
IOK
DC Output Diode Current
VO = −0.5 V
−20 mA
VO = VCC + 0.5 V
+20 mA
VO
DC Output Voltage
−0.5 V to VCC + 0.5 V
IO
DC Output Source or Sink Current
±50mA
ICC or IGND DC VCC or Ground Current per Output Pin
±50mA
TSTG
Storage Temperature
−65°C to +150°C
TJ
Junction Temperature
140°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Rating
VCC
Supply Voltage
AC
2.0 V to 6.0 V
ACT
4.5 V to 5.5 V
VI
Input Voltage
0 V to VCC
VO
Output Voltage
0 V to VCC
TA
Operating Temperature
−40°C to +85°C
ΔV / Δt
Minimum Input Edge Rate, AC Devices:
VIN from 30% to 70% of VCC, VCC @ 3.3 V, 4.5 V, 5.5 V
125 mV/ns
ΔV / Δt
Minimum Input Edge Rate, ACT Devices:
VIN from 0.8 V to 2.0 V, VCC @ 4.5 V, 5.5 V
125 mV/ns
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com