Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT14SC Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74ACT14SC
Description  Hex Inverter with Schmitt Trigger Input
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT14SC Datasheet(HTML) 1 Page - ON Semiconductor

  74ACT14SC Datasheet HTML 1Page - ON Semiconductor 74ACT14SC Datasheet HTML 2Page - ON Semiconductor 74ACT14SC Datasheet HTML 3Page - ON Semiconductor 74ACT14SC Datasheet HTML 4Page - ON Semiconductor 74ACT14SC Datasheet HTML 5Page - ON Semiconductor 74ACT14SC Datasheet HTML 6Page - ON Semiconductor 74ACT14SC Datasheet HTML 7Page - ON Semiconductor 74ACT14SC Datasheet HTML 8Page - ON Semiconductor 74ACT14SC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 1988
December, 2021 − Rev. 3
1
Publication Order Number:
74AC14/D
Hex Inverter with Schmitt
Trigger Input
74AC14, 74ACT14
General Description
The 74AC14 and 74ACT14 contain six inverter gates each
with a Schmitt trigger input. They are capable of transforming slowly
changing input signals into sharply defined, jitter−free output signals.
In addition, they have a greater noise margin than conventional
inverters.
The 74AC14 and 74ACT14 have hysteresis between
the positive−going and negative−going input thresholds (typically
1.0 V) which is determined internally by transistor ratios and is
essentially insensitive to temperature and supply voltage variations.
Features
• ICC Reduced by 50%
• Outputs Source/Sink 24 mA
• 74ACT14 has TTL−Compatible Inputs
• These are Pb−Free Devices
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
−0.5 to +7.0
V
DC Input Diode Current
VI = −0.5 V
VI = VCC + 1.5 V
IIK
−20
+20
mA
DC Input Voltage
VI
−0.5 to
VCC + 1.5
V
DC Output Diode Current
VO = −0.5 V
VO = VCC + 0.5 V
IOK
−20
+20
mA
DC Output Voltage
VO
−0.5 to
VCC + 0.5
V
DC Output Source or Sink Current
IO
±50
mA
DC VCC or Ground Current
per Output Pin
ICC or IGND
±50
mA
Storage Temperature
TSTG
−65 to +150
°C
Junction Temperature
TJ
140
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
SOIC−14 NB
CASE 751A−03
MARKING DIAGRAM
AC(T)14
AWLYWW
1
14
SOIC14
CASE 751EF
1
14
TSSOP−14 WB
CASE 948G
TSSOP−14 WB
CASE 948G−01
1
14
1
14
1
14
AC14, ACT14
= Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
Y
= Year
WW
= Work Week
AC(T)
14
ALYWG
G
1
14
(Note: Microdot may be in either location)
AC14, ACT14
= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
MARKING DIAGRAM
See detailed ordering and shipping information on page 2
of this data sheet.
ORDERING INFORMATION


Similar Part No. - 74ACT14SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT14SC FAIRCHILD-74ACT14SC Datasheet
132Kb / 9P
Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74ACT14SC ONSEMI-74ACT14SC Datasheet
309Kb / 11P
Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
logo
Fairchild Semiconductor
74ACT14SCX FAIRCHILD-74ACT14SCX Datasheet
132Kb / 9P
Hex Inverter with Schmitt Trigger Input
74ACT14SC FAIRCHILD-74ACT14SC_11 Datasheet
240Kb / 10P
Hex Inverter with Schmitt Trigger Input
More results

Similar Description - 74ACT14SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC14 NSC-54AC14 Datasheet
116Kb / 8P
Hex Inverter with Schmitt Trigger Input
54ACTQ14 NSC-54ACTQ14 Datasheet
104Kb / 6P
Quiet Series Hex Inverter with Schmitt Trigger Input
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Fairchild Semiconductor
74AC14 FAIRCHILD-74AC14 Datasheet
132Kb / 9P
Hex Inverter with Schmitt Trigger Input
74ACTQ14 FAIRCHILD-74ACTQ14 Datasheet
100Kb / 7P
Quiet Series Hex Inverter with Schmitt Trigger Input
74LVQ14 FAIRCHILD-74LVQ14 Datasheet
54Kb / 5P
Low Voltage Hex Inverter with Schmitt Trigger Input
DM7414 FAIRCHILD-DM7414 Datasheet
35Kb / 3P
Hex Inverter with Schmitt Trigger Input
74ACT14 FAIRCHILD-74ACT14_11 Datasheet
240Kb / 10P
Hex Inverter with Schmitt Trigger Input
logo
Texas Instruments
5962-8762401CX TI-5962-8762401CX Datasheet
87Kb / 6P
54AC14 Hex Inverter with Schmitt Trigger Input
logo
ON Semiconductor
74AC14 ONSEMI-74AC14 Datasheet
309Kb / 11P
Hex Inverter with Schmitt Trigger Input
February 2011 Rev. 1.7.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com