Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT14SC Datasheet(PDF) 3 Page - ON Semiconductor

Part # 74ACT14SC
Description  Hex Inverter with Schmitt Trigger Input
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT14SC Datasheet(HTML) 3 Page - ON Semiconductor

  74ACT14SC Datasheet HTML 1Page - ON Semiconductor 74ACT14SC Datasheet HTML 2Page - ON Semiconductor 74ACT14SC Datasheet HTML 3Page - ON Semiconductor 74ACT14SC Datasheet HTML 4Page - ON Semiconductor 74ACT14SC Datasheet HTML 5Page - ON Semiconductor 74ACT14SC Datasheet HTML 6Page - ON Semiconductor 74ACT14SC Datasheet HTML 7Page - ON Semiconductor 74ACT14SC Datasheet HTML 8Page - ON Semiconductor 74ACT14SC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74AC14, 74ACT14
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS FOR AC
Symbol
Parameter
VCC(V)
Conditions
TA = +255C
TA = −405C to +855C
Unit
Typ
Guaranteed Limits
VOH
Minimum HIGH Level
Output Voltage
3.0
IOUT = −50 mA
2.99
2.9
2.9
V
4.5
4.49
4.4
4.4
5.5
5.49
5.4
5.4
3.0
IOH = 12 mA
−
2.56
2.46
4.5
IOH = 24 mA
−
3.86
3.76
5.5
IOH = 24 mA (Note 1)
−
4.86
4.76
VOL
Maximum LOW Level
Output Voltage
3.0
IOUT = 50 mA
0.002
0.1
0.1
V
4.5
0.001
0.1
0.1
5.5
0.001
0.1
0.1
3.0
IOL = 12 mA
−
0.36
0.44
4.5
IOL = 24 mA
−
0.36
0.44
5.5
IOL = 24 mA (Note 1)
−
0.36
0.44
IIN
(Note 3)
Maximum Input
Leakage Current
5.5
VI = VCC, GND
−
±0.1
±1.0
mA
Vt+
Maximum Positive
Threshold
3.0
TA = Worst Case
−
2.2
2.2
V
4.5
−
3.2
3.2
5.5
−
3.9
3.9
Vt−
Minimum Negative
Threshold
3.0
TA = Worst Case
−
0.5
0.5
V
4.5
−
0.9
0.9
5.5
−
1.1
1.1
VH(MAX)
Maximum Hysteresis
3.0
TA = Worst Case
−
1.2
1.2
V
4.5
−
1.4
1.4
5.5
−
1.6
1.6
VH(MIN)
Minimum Hysteresis
3.0
TA = Worst Case
−
0.3
0.3
V
4.5
−
0.4
0.4
5.5
−
0.5
0.5
IOLD
Minimum Dynamic
5.5
VOLD = 1.65 V Max.
−
−
75
mA
IOHD
Output Current (Note 2)
5.5
VOHD = 3.85 V Min.
−
−
−75
mA
ICC
(Note 3)
Maximum Quiescent
Supply Current
5.5
VIN = VCC or GND
−
2.0
20.0
mA
1. All outputs loaded; thresholds on input associated with output under test.
2. Maximum test duration 2.0 ms, one output loaded at a time.
3. IIN and ICC at 3.0 V are guaranteed to be less than or equal to the respective limit at 5.5 V VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com