Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT244SC Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74ACT244SC
Description  Octal Buffer/Line Driver with 3-STATE Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT244SC Datasheet(HTML) 1 Page - ON Semiconductor

  74ACT244SC Datasheet HTML 1Page - ON Semiconductor 74ACT244SC Datasheet HTML 2Page - ON Semiconductor 74ACT244SC Datasheet HTML 3Page - ON Semiconductor 74ACT244SC Datasheet HTML 4Page - ON Semiconductor 74ACT244SC Datasheet HTML 5Page - ON Semiconductor 74ACT244SC Datasheet HTML 6Page - ON Semiconductor 74ACT244SC Datasheet HTML 7Page - ON Semiconductor 74ACT244SC Datasheet HTML 8Page - ON Semiconductor 74ACT244SC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
DATA SHEET
www.onsemi.com
© Semiconductor Components Industries, LLC, 1988
February, 2022 − Rev. 2
1
Publication Order Number:
74ACT244/D
Octal Buffer/Line Driver with
3-STATE Outputs
74AC244, 74ACT244
General Description
The AC/ACT244 is an octal buffer and line driver designed to be
employed as a memory address driver, clock driver and bus−oriented
transmitter/receiver which provides improved PC board density.
Features
• ICC and IOZ Reduced by 50%
• 3−STATE Outputs Drive Bus Lines or Buffer Memory Address
Registers
• Outputs Source/Sink 24 mA
• ACT244 has TTL−Compatible Inputs
Figure 1. Connection Diagram
OE1
I0
O4
I1
O5
I2
O6
I3
O7
GND
VCC
OE2
O0
I4
O1
I5
O2
I6
O3
I7
Figure 2. Logic Symbol
OE1
I1
OE2
O0
I0
I2
I3
I4
I5
I6
I7
O1
O2
O3
O4
O5
O6
O7
IEEE/IEC
SOIC−20 WB
CASE 751D−05
MARKING DIAGRAMS
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
AC(T)244
AWLYYWWG
AC244, ACT244
= Specific Device Code
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G
= Pb−Free Package
TSSOP−20 WB
CASE 948E
(Note: Microdot may be in either location)
SOIC−20
TSSOP−20
20
1
AC(T)
244
ALYWG
G
AC244, ACT244
= Specific Device Code
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
SOIC−20, 300 mils
CASE 751BJ−01
TSSOP20, 4.4 x 6.5
CASE 948AQ−01


Similar Part No. - 74ACT244SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACT244SC FAIRCHILD-74ACT244SC Datasheet
111Kb / 10P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74ACT244SC ONSEMI-74ACT244SC Datasheet
396Kb / 14P
Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74ACT244SCX FAIRCHILD-74ACT244SCX Datasheet
111Kb / 10P
Octal Buffer/Line Driver with 3-STATE Outputs
74ACT244SCX_NL FAIRCHILD-74ACT244SCX_NL Datasheet
111Kb / 10P
Octal Buffer/Line Driver with 3-STATE Outputs
More results

Similar Description - 74ACT244SC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
Octal Buffer/Line Driver with 3-STATE Outputs
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com