Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT244SC Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74ACT244SC
Description  Octal Buffer/Line Driver with 3-STATE Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT244SC Datasheet(HTML) 2 Page - ON Semiconductor

  74ACT244SC Datasheet HTML 1Page - ON Semiconductor 74ACT244SC Datasheet HTML 2Page - ON Semiconductor 74ACT244SC Datasheet HTML 3Page - ON Semiconductor 74ACT244SC Datasheet HTML 4Page - ON Semiconductor 74ACT244SC Datasheet HTML 5Page - ON Semiconductor 74ACT244SC Datasheet HTML 6Page - ON Semiconductor 74ACT244SC Datasheet HTML 7Page - ON Semiconductor 74ACT244SC Datasheet HTML 8Page - ON Semiconductor 74ACT244SC Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
74AC244, 74ACT244
www.onsemi.com
2
PIN DESCRIPTION
Pin Name
Description
OE1, OE2
3−STATE Output Enable Inputs
I0−I7
Inputs
O0−O7
Outputs
TRUTH TABLE
Inputs
Outputs
OE1
In
(Pins 12, 14, 16, 18)
L
L
L
L
H
H
H
X
Z
TRUTH TABLE (continued)
Inputs
Outputs
OE2
In
(Pins 3, 5, 7, 9)
L
L
L
L
H
H
H
X
Z
NOTE: X = Immaterial, Z = High Impedance
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Rating
Unit
Supply Voltage
VCC
−0.5 to +7.0
V
DC Input Diode Current
VI = −0.5 V
IIK
−20
mA
VI = VCC + 0.5
+20
DC Input Voltage
VI
−0.5 to VCC + 0.5
V
DC Output Diode Current
VO = −0.5 V
IOK
−20
mA
VI = VCC + 0.5 V
+20
DC Output Voltage
VO
−0.5 to VCC + 0.5
V
DC Output Source or Sink Current
IO
±50
mA
DC VCC or Ground Current per Output Pin
ICC or IGND
±50
mA
Storage Temperature
TSTG
−65 to +150
°C
Junction Temperature
TJ
140
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Rating
Unit
Supply Voltage
AC
VCC
2.0 to 6.0
V
ACT
4.5 to 5.5
Input Voltage
VI
0 to VCC
V
Output Voltage
VO
0 to VCC
V
Operating Temperature
TA
−40 to +85
°C
Minimum Input Edge Rate, AC Devices:
VIN from 30% to 70% of VCC, VCC @ 3.3 V, 4.5 V, 5.5 V
DV / Dt
125
mV/ns
Minimum Input Edge Rate, ACT Devices:
VIN from 0.8 V to 2.0 V, VCC @ 4.5 V, 5.5 V
DV / Dt
125
mV/ns
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com