Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT244SCX Datasheet(PDF) 5 Page - ON Semiconductor

Part # 74ACT244SCX
Description  Octal Buffer/Line Driver with 3-STATE Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT244SCX Datasheet(HTML) 5 Page - ON Semiconductor

  74ACT244SCX Datasheet HTML 1Page - ON Semiconductor 74ACT244SCX Datasheet HTML 2Page - ON Semiconductor 74ACT244SCX Datasheet HTML 3Page - ON Semiconductor 74ACT244SCX Datasheet HTML 4Page - ON Semiconductor 74ACT244SCX Datasheet HTML 5Page - ON Semiconductor 74ACT244SCX Datasheet HTML 6Page - ON Semiconductor 74ACT244SCX Datasheet HTML 7Page - ON Semiconductor 74ACT244SCX Datasheet HTML 8Page - ON Semiconductor 74ACT244SCX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74AC244, 74ACT244
www.onsemi.com
5
AC ELECTRICAL CHARACTERISTICS FOR AC
VCC (V)
(Note 6)
TA = +25°C,
CL = 50 pF
TA = −55°C to
+125°C
CL = 50 pF
TA = −40°C to
+85°C
CL = 50 pF
Symbol
Parameter
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay,
Data to Output
3.3
2.0
6.5
9.0
1.0
12.5
1.5
10.0
ns
5.0
1.5
5.0
7.0
1.0
9.5
1.0
7.5
tPHL
Propagation Delay,
Data to Output
3.3
2.0
6.5
9.0
1.0
12.0
2.0
10.0
ns
5.0
1.5
5.0
7.0
1.0
9.0
1.0
7.5
tPZH
Output Enable Time
3.3
2.0
6.0
10.5
1.0
11.5
1.5
11.0
ns
5.0
1.5
5.0
7.0
1.0
9.0
1.5
8.0
tPZL
Output Enable Time
3.3
2.5
7.5
10.0
1.0
13.0
2.0
11.0
ns
5.0
1.5
5.5
8.0
1.0
10.5
1.5
8.5
tPHZ
Output Disable Time
3.3
3.0
7.0
10.0
1.0
12.5
1.5
10.5
ns
5.0
2.5
6.5
9.0
1.0
10.5
1.0
9.5
tPLZ
Output Disable Time
3.3
2.5
7.5
10.5
1.0
13.0
2.5
11.5
ns
5.0
2.0
6.5
9.0
1.0
11.0
2.0
9.5
6. Voltage range 3.3 is 3.3 V ± 0.3 V. Voltage range 5.0 is 5.0 V ± 0.5 V.
AC ELECTRICAL CHARACTERISTICS FOR ACT
VCC (V)
(Note 7)
TA = +25°C,
CL = 50 pF
TA = −55°C to
+125°C
CL = 50 pF
TA = −40°C to
+85°C
CL = 50 pF
Symbol
Parameter
Min
Typ
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay,
Data to Output
5.0
2.0
6.5
9.0
1.0
10.0
1.5
10.0
ns
tPHL
Propagation Delay,
Data to Output
5.0
2.0
7.0
9.0
1.0
10.0
1.5
10.0
ns
tPZH
Output Enable Time
5.0
1.5
6.0
8.5
1.0
9.5
1.0
9.5
ns
tPZL
Output Enable Time
5.0
2.0
7.0
9.5
1.0
11.0
1.5
10.5
ns
tPHZ
Output Disable Time
5.0
2.0
7.0
9.5
1.0
11.0
1.5
10.5
ns
tPLZ
Output Disable Time
5.0
2.5
7.5
10.0
1.0
11.5
2.0
10.5
ns
7. Voltage range 5.0 is 5.0 V ± 0.5 V.
CAPACITANCE
Symbol
Parameter
Conditions
Typ
Unit
CIN
Input Capacitance
VCC = OPEN
4.5
pF
CPD
Power Dissipation Capacitance
VCC = 5.0 V
45.0
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com