Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT244SCX Datasheet(PDF) 3 Page - ON Semiconductor

Part # 74ACT244SCX
Description  Octal Buffer/Line Driver with 3-STATE Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74ACT244SCX Datasheet(HTML) 3 Page - ON Semiconductor

  74ACT244SCX Datasheet HTML 1Page - ON Semiconductor 74ACT244SCX Datasheet HTML 2Page - ON Semiconductor 74ACT244SCX Datasheet HTML 3Page - ON Semiconductor 74ACT244SCX Datasheet HTML 4Page - ON Semiconductor 74ACT244SCX Datasheet HTML 5Page - ON Semiconductor 74ACT244SCX Datasheet HTML 6Page - ON Semiconductor 74ACT244SCX Datasheet HTML 7Page - ON Semiconductor 74ACT244SCX Datasheet HTML 8Page - ON Semiconductor 74ACT244SCX Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
74AC244, 74ACT244
www.onsemi.com
3
DC ELECTRICAL CHARACTERISTICS FOR AC
TA = +25°C
TA = −55°C to
+125°C
TA = −40°C to
+85°C
Symbol
Parameter
VCC(V)
Conditions
Typ
Guaranteed Limits
Unit
VIH
Minimum HIGH Level
Input Voltage
3.0
VOUT = 0.1 V or
VCC − 0.1 V
1.5
2.1
2.1
2.1
V
4.5
2.25
3.15
3.15
3.15
5.5
2.75
3.85
3.85
3.85
VIL
Maximum LOW Level
Input Voltage
3.0
VOUT = 0.1 V or
VCC − 0.1 V
1.5
0.9
0.9
0.9
V
4.5
2.25
1.35
1.35
1.35
5.5
2.75
1.65
1.65
1.65
VOH
Minimum HIGH Level
Output Voltage
3.0
IOUT = −50 mA
2.99
2.9
2.9
2.9
V
4.5
4.49
4.4
4.4
4.4
5.5
5.49
5.4
5.4
5.4
3.0
VIN = VIL or VIH,
IOH = 12 mA
2.56
2.40
2.46
4.5
VIN = VIL or VIH,
IOH = 24 mA
3.86
3.70
3.76
5.5
VIN = VIL or VIH,
IOH = 24 mA (Note 1)
4.86
4.70
4.76
VOL
Maximum LOW Level
Output Voltage
3.0
IOUT = 50 mA
0.002
0.1
0.1
0.1
V
4.5
0.001
0.1
0.1
0.1
5.5
0.001
0.1
0.1
0.1
3.0
VIN = VIL or VIH,
IOL = 12 mA
0.36
0.50
0.44
4.5
VIN = VIL or VIH,
IOL = 24 mA
0.36
0.50
0.44
5.5
VIN = VIL or VIH,
IOL = 24 mA (Note 1)
0.36
0.50
0.44
IIN
(Note 2)
Maximum Input
Leakage Current
5.5
VI = VCC, GND
±0.1
±1.0
±1.0
mA
IOZ
Maximum 3−STATE
Leakage Current
5.5
VI (OE) = VIL, VIH;
VI = VCC, VGND;
VO = VCC, GND
±0.25
±5.0
±2.5
mA
IOLD
Minimum Dynamic
Output Current (Note 3)
5.5
VOLD = 1.65 V Max.
50
75
mA
IOHD
5.5
VOHD = 3.85 V Min.
−50
−75
mA
ICC
(Note 2)
Maximum Quiescent
Supply Current
5.5
VIN = VCC or GND
4.0
80.0
40.0
mA
1. All outputs loaded; thresholds on input associated with output under test.
2. IIN and ICC @ 3.0 V are guaranteed to be less than or equal to the respective limit @ 5.5 V VCC.
3. Maximum test duration 2.0 ms, one output loaded at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com