Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMJS2D5N06CL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVMJS2D5N06CL
Description  MOSFET ??Power, Single N-Channel 60 V, 2.4 m, 164 A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJS2D5N06CL Datasheet(HTML) 3 Page - ON Semiconductor

  NVMJS2D5N06CL Datasheet HTML 1Page - ON Semiconductor NVMJS2D5N06CL Datasheet HTML 2Page - ON Semiconductor NVMJS2D5N06CL Datasheet HTML 3Page - ON Semiconductor NVMJS2D5N06CL Datasheet HTML 4Page - ON Semiconductor NVMJS2D5N06CL Datasheet HTML 5Page - ON Semiconductor NVMJS2D5N06CL Datasheet HTML 6Page - ON Semiconductor NVMJS2D5N06CL Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NVMJS2D5N06CL
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 25°C
ID = 50 A
TJ = 25°C
VGS = 4.5 V
VGS = 10 V
VGS = 10 V
ID = 50 A
VGS = 4.0 V to 10 V
2.8 V
3.2 V
0
25
75
125
175
200
250
0
1.0
2.0
3.0
4.0
3.6 V
1
2
3
4
5
6
7
8
9
23
4
5
6
8
9
10
3.0
0
60
80
160
2.4
2.6
2.0
1.8
1.6
100
0.6
2.0
−50 −25
0
25
50
75
100 125 150 175
50
100
150
225
7
2.8
20
40
120
140
0.8
1.0
1.2
1.4
1.6
1.8
2.4 V
2.2
0
50
100
250
0
1.0
2.0
2.5
3.0
4.0
TJ = 125°C
TJ = 25°C
TJ = −55°C
VDS = 5 V
200
150
3.5
1.5
0.5
25
75
225
175
125
TJ = 125°C
TJ = 85°C
TJ = 175°C
1.E+01
515
35
55
25
45
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com