Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMJS2D5N06CL Datasheet (PDF) - ON Semiconductor

Part # NVMJS2D5N06CL
Description  MOSFET ??Power, Single N-Channel 60 V, 2.4 m, 164 A
File Size   370.25 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMJS2D5N06CL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMJS2D5N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMJS0D8N04CL ONSEMI-NVMJS0D8N04CL Datasheet
373Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
October, 2019?뭃ev. 0
NVMJS0D8N04CLTWG ONSEMI-NVMJS0D8N04CLTWG Datasheet
373Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.72 m, 368 A
October, 2019?뭃ev. 0
NVMJS0D9N04C ONSEMI-NVMJS0D9N04C Datasheet
372Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.81 m, 342 A
November, 2019-Rev. 1
NVMJS0D9N04CL ONSEMI-NVMJS0D9N04CL Datasheet
362Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.82 m, 330 A
July, 2019 ??Rev. 0
NVMJS0D9N04CLTWG ONSEMI-NVMJS0D9N04CLTWG Datasheet
362Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 0.82 m, 330 A
July, 2019 ??Rev. 0
More results


Similar Description - NVMJS2D5N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMJS2D5N06CL ONSEMI-NTMJS2D5N06CL Datasheet
352Kb / 7P
Power MOSFET 60 V, 2.4 m, 164 A, Single N?묬hannel
March, 2019?뭃ev. 0
NTTFS002N04C ONSEMI-NTTFS002N04C Datasheet
280Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 2.4 m, 136 A
June, 2019 ??Rev. 0
NVLJWS022N06CL ONSEMI-NVLJWS022N06CL Datasheet
160Kb / 7P
MOSFET - Power, Single N-Channel 60 V, 21 m, 25 A
April, 2022 ??Rev. 1
NVMTS001N06CL ONSEMI-NVMTS001N06CL Datasheet
401Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 0.81 m, 398.2 A
May, 2021 ??Rev. 2
NVMYS4D6N06C ONSEMI-NVMYS4D6N06C Datasheet
211Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 4.7 m, 92 A
October, 2021 ??Rev. 0
FDBL86566-F085 ONSEMI-FDBL86566-F085 Datasheet
505Kb / 7P
N-Channel PowerTrench짰 MOSFET 60 V, 240 A, 2.4 m廓
August-2017, Rev. 2
NVMYS7D0N06C ONSEMI-NVMYS7D0N06C Datasheet
214Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 7.0 m, 66 A
October, 2021 - Rev. 0
NVMYS016N06C ONSEMI-NVMYS016N06C Datasheet
208Kb / 6P
MOSFET - Power, Single N-Channel 60 V, 16 m, 33 A
October, 2021 - Rev. 0
NVMYS025N06CL ONSEMI-NVMYS025N06CL Datasheet
339Kb / 7P
MOSFET – Power, Single N-Channel 60 V, 27.5 m, 21 A
July, 2019 - Rev. 0
NVTFS002N04C ONSEMI-NVTFS002N04C Datasheet
280Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 2.4 m, 136 A
July, 2019 - Rev. 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com