Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE94XYZ Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE94XYZ
Description  TLE94xyz DC motor driver family Integrated multi half-bridge driver ICs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE94XYZ Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE94XYZ Datasheet HTML 1Page - Infineon Technologies AG TLE94XYZ Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The TLE94xyz are protected half-bridge drivers designed for automotive motion control
applications such as small DC motors for Heating, Ventilation and Air Conditioning (HVAC),
as well as mirror adjustment and fold. The family offers 3-, 4-, 6-, 8-, 10-, and 12-fold
integrated half-bridge driver. All devices can drive DC motor loads up to 0.9A per output in
cascaded or parallel operation. They provide diagnosis of short circuit, open load, power
supply failure and over-temperature for each half-bridge to ensure safe operation in HVAC
or other systems. The TLE94xyz offers enhanced EMC performance, which in combination
with the low quiescent current and a small package makes the products attractive for
automotive and other applications.
Key Benefits
Variable driving schemes for up to 11 motors
Diagnosis of each output via SPI
Device operates down to 5.5V (supporting Start Stop systems of fuel efficient vehicles)
OUT 1 and 2 optimized for driving HS loads (e.g. LED)
Block Diagram TLE94112ES
Key features
Product brief
TLE94xyz DC motor driver family
Integrated multi half-bridge driver ICs
www.infineon.com/multihalfbridges
3,4,6,8,10,12-half-bridges with
integrated output stages & PWM
16-bit SPI or DI for control &
diagnosis
Voltage supply range: 5.5V-20V
Adjustable open load threshold for
two outputs
Flap motors in HVAC systems
Mirror adjustment and fold
Small DC motors (≤0.9A/output)
Bi-stable relays
Key applications
Application note
Evaluation boards
Videos


Similar Part No. - TLE94XYZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE94003EP INFINEON-TLE94003EP Datasheet
1Mb / 38P
protected triple half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
TLE94004EP INFINEON-TLE94004EP Datasheet
1Mb / 35P
protected quad half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
TLE94103EP INFINEON-TLE94103EP Datasheet
1Mb / 64P
protected triple half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
TLE94104EP INFINEON-TLE94104EP Datasheet
1Mb / 63P
protected quad half-bridge driver designed especially for automotive motion control
Datasheet 1.0 2017-12-07
TLE94106EL INFINEON-TLE94106EL Datasheet
1Mb / 75P
Six half bridge power outputs
1.0 2016-09-08
More results

Similar Description - TLE94XYZ

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2943 ALLEGRO-2943 Datasheet
97Kb / 6P
HIGH-CURRENT HALF-BRIDGE MOTOR DRIVER
logo
International Rectifier
IR3101 IRF-IR3101 Datasheet
268Kb / 10P
Half-Bridge FredFet and Integrated Driver
IR3103 IRF-IR3103 Datasheet
198Kb / 11P
Half-Bridge FredFET and Integrated Driver
logo
Monolithic Power System...
MP8040 MPS-MP8040 Datasheet
249Kb / 8P
High Current Integrated Half Bridge Driver
logo
NTE Electronics
NTE7064 NTE-NTE7064 Datasheet
75Kb / 3P
Integrated Circuit Bridge Driver for DC Motor Control
logo
Toshiba Semiconductor
TA84007PQ TOSHIBA-TA84007PQ Datasheet
362Kb / 16P
DC Motor Full Bridge Driver ICs (Forward/reverse switching driver ICs)
logo
Sanken electric
SLA7070M SANKEN-SLA7070M Datasheet
2Mb / 36P
Motor Driver ICs
logo
Allegro MicroSystems
A3910 ALLEGRO-A3910 Datasheet
231Kb / 7P
Dual Half Bridge Motor Driver
A3910 ALLEGRO-A3910_16 Datasheet
245Kb / 7P
Dual Half Bridge Motor Driver
logo
Texas Instruments
DRV8904-Q1 TI1-DRV8904-Q1 Datasheet
1Mb / 96P
Automotive multi-channel half-bridge driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com