Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7913EBZ Datasheet(PDF) 19 Page - Analog Devices

Part # EVAL-ADE7913EBZ
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7913EBZ Datasheet(HTML) 19 Page - Analog Devices

Back Button EVAL-ADE7913EBZ Datasheet HTML 15Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 16Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 17Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
Data Sheet
ADE7912/ADE7913
Rev. C | Page 19 of 41
NOISE
SIGNAL
NOISE
SIGNAL
0
3.3 4
512
FREQUENCY (kHz)
HIGH RESOLUTION
OUTPUT FROM
DIGITAL LPF
1024
0
3.3 4
512
FREQUENCY (kHz)
1024
DIGITAL FILTER
SHAPED NOISE
ANTIALIAS FILTER
(RC)
SAMPLING
FREQUENCY
Figure 26. Noise Reduction Due to Oversampling and
Noise Shaping in the Analog Modulator
The bandwidth of interest is a function of the input clock fre-
quency, the ADC output frequency (selectable by Bits[5:4]
(ADC_FREQ) in the CONFIG register; see the ADC Output
Values section for details), and Bit 7 (BW) of the CONFIG
register. When CLKIN is 4.096 MHz and the ADC output
frequency is 8 kHz, if BW is cleared to 0 (the default value)
the ADC bandwidth is 3.3 kHz. If BW is set to 1, the ADC
bandwidth is 2 kHz. Table 10 shows the ADC output frequen-
cies and the ADC bandwidth function of the input clock
(CLKIN) frequency. Three cases are shown: one for CLKIN =
4.096 MHz (the typical clock input frequency value), one for
CLKIN = 4.21 MHz (the maximum clock input frequency), and
one for CLKIN = 3.6 MHz (the minimum clock input frequency.)
Antialiasing Filter
Figure 25 also shows an analog low-pass filter (RC) on the input
to the ADC. This filter is placed outside the ADE7912/ADE7913,
and the role is to prevent aliasing. Aliasing is an artifact of all
sampled systems, as shown in Figure 27. Aliasing refers to the
frequency components in the input signal to the ADC that are
higher than half the sampling rate of the ADC and appear in the
sampled signal at a frequency below half the sampling rate.
Frequency components above half the sampling frequency (also
known as the Nyquist frequency, that is, 512 kHz) are imaged or
folded back down below 512 kHz. This happens with all ADCs,
regardless of the architecture. In Figure 27, only frequencies near
the sampling frequency of 1.024 MHz move into the bandwidth
of interest for metering, that is, 40 Hz to 3.3 kHz, or 40 Hz to
2 kHz. To attenuate the high frequency noise (near 1.024 MHz)
and prevent the distortion of the bandwidth of interest, a low-
pass filer (LPF) must be introduced. It is recommended that
one RC filter with a corner frequency of 5 kHz be used for the
attenuation to be sufficiently high at the sampling frequency of
1.024 MHz. The 20 dB per decade attenuation of this filter is
usually sufficient to eliminate the effects of aliasing.
ALIASING EFFECTS
SAMPLING
FREQUENCY
IMAGE
FREQUENCIES
0
2
4
512
FREQUENCY (kHz)
1024
Figure 27. Aliasing Effects
Table 10. ADC Output Frequency and ADC Bandwidth as a Function of CLKIN Frequency
CLKIN
(MHz)
Bits ADC_FREQ in
CONFIG Register
ADC Output
Frequency (Hz)
ADC Bandwidth When Bit BW in
CONFIG Register Cleared to 0 (Hz)
ADC Bandwidth When Bit BW in
CONFIG Register Set to 1 (Hz)
4.096
00
8000
3300
2000
01
4000
1650
1000
10
2000
825
500
11
1000
412
250
4.21
00
8222
3391
2055
01
4111
1695
1027
10
2055
847
513
11
1027
423
256
3.6
00
7031
2900
1757
01
3515
1450
878
10
1757
725
439
11
878
362
219



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com