Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE7913EBZ Datasheet(PDF) 22 Page - Analog Devices

Part # EVAL-ADE7913EBZ
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE7913EBZ Datasheet(HTML) 22 Page - Analog Devices

Back Button EVAL-ADE7913EBZ Datasheet HTML 18Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 19Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 20Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE7913EBZ Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
ADE7912/ADE7913
Data Sheet
Rev. C | Page 22 of 41
ADE7912/ADE7913 STATUS
The bits in the STATUS0 and STATUS1 registers of the
ADE7912/ADE7913 characterize the state of the device.
If the value of the CTRL_CRC register changes, Bit 1 (CRC_STAT)
is set to 1 in the STATUS0 register. This bit clears to 0 when the
STATUS0 register is read.
After the configuration registers are protected by writing 0xCA
into the lock register, Bit 2 (IC_PROT) in the STATUS0 register
is set to 1. It clears to 0 when the STATUS0 register is read, and
it is set back to 1 at the next ADC output cycle.
At power-up, or after a hardware or software reset, the
ADE7912/ADE7913 signal the end of the reset period by
clearing Bit 0 (RESET_ON) to 0 in the STATUS0 register.
If the ADC output values of IWV, V1WV, and V2WV are not
read during an output cycle, Bit 3 (ADC_NA) in the STATUS1
register becomes 1. It clears to 0 when the STATUS1 register is
read.
The STATUS0 and STATUS1 registers can be read by executing
an SPI register read. STATUS0 can also be read as part of the
SPI burst mode read operation. See the SPI Read Operation and
the SPI Read Operation in Burst Mode sections for more
information.
INSULATION LIFETIME
All insulation structures eventually break down when subjected
to voltage stress over a sufficiently long period of time. The rate
of insulation degradation is dependent on the characteristics of
the voltage waveform applied across the insulation. In addition
to the testing performed by the regulatory agencies, Analog
Devices carries out an extensive set of evaluations to determine
the lifetime of the insulation structure within the ADE7912/
ADE7913 devices. Analog Devices performs accelerated life
testing using voltage levels higher than the rated continuous
working voltage. Acceleration factors for several operating
conditions are determined. These factors allow calculation of
the time to failure at the actual working voltage.
The values shown in Table 8 summarize the maximum working
voltage for 50 years of service life for a bipolar ac operating
condition. In many cases, the approved working voltage is
higher than the 50-year service life voltage. Operation at these
high working voltages can lead to shortened insulation life in
some cases.
The insulation lifetime of the ADE7912/ADE7913 devices
depends on the voltage waveform type imposed across the
isolation barrier. The iCoupler insulation structure degrades at
different rates depending on whether the waveform is bipolar ac
or dc. Figure 30 and Figure 31 illustrate these different isolation
voltage waveforms.
Bipolar ac voltage is the most stringent environment. The goal
of a 50-year operating lifetime under the bipolar ac condition
determines the maximum working voltage recommended by
Analog Devices. In the case of dc voltage, the stress on the
insulation is significantly lower. This allows operation at higher
working voltages while still achieving a 50-year service life.
The working voltages listed in Table 8 can be applied while
maintaining the 50-year minimum lifetime, provided that the
voltage conforms to the dc voltage case. Treat any cross-insulation
voltage waveform that does not conform to Figure 31 as a bipolar
ac waveform, and limit the peak voltage to the 50-year lifetime
voltage value listed in Table 8.
RATED PEAK VOLTAGE
0V
Figure 30. Bipolar AC Waveform
RATED PEAK VOLTAGE
0V
Figure 31. DC Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com