Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2682EBRIZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM2682EBRIZ
Description  5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2682EBRIZ Datasheet(HTML) 1 Page - Analog Devices

  ADM2682EBRIZ Datasheet HTML 1Page - Analog Devices ADM2682EBRIZ Datasheet HTML 2Page - Analog Devices ADM2682EBRIZ Datasheet HTML 3Page - Analog Devices ADM2682EBRIZ Datasheet HTML 4Page - Analog Devices ADM2682EBRIZ Datasheet HTML 5Page - Analog Devices ADM2682EBRIZ Datasheet HTML 6Page - Analog Devices ADM2682EBRIZ Datasheet HTML 7Page - Analog Devices ADM2682EBRIZ Datasheet HTML 8Page - Analog Devices ADM2682EBRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
5 kV rms Signal and Power Isolated
RS-485 Transceiver with ±15 kV ESD Protection
Data Sheet
ADM2682E/ADM2687E
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2011–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
5 kV rms isolated RS-485/RS-422 transceiver, configurable as
half or full duplex
iso
Power integrated isolated dc-to-dc converter
±15 kV ESD protection on RS-485 input/output pins
Complies with ANSI/TIA/EIA-485-A-98 and ISO 8482:1987(E)
Data rate: 16 Mbps (ADM2682E), 500 kbps (ADM2687E)
5 V or 3.3 V operation
Connect up to 256 nodes on one bus
Open- and short-circuit, fail-safe receiver inputs
High common-mode transient immunity: >25 kV/µs
Thermal shutdown protection
Safety and regulatory approvals
UL recognition
5000 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A (pending)
IEC 60601-1: 400 V rms (basic), 250 V rms (reinforced)
IEC 60950-1: 600 V rms (basic), 380 V rms (reinforced)
VDE Certificates of Conformity
DIN V VDE V 0884-10 (VDE V 0884-10): 2006-12
VIORM = 846 V peak
Operating temperature range: −40°C to +85°C
16-lead wide-body SOIC with >8 mm creepage and clearance
APPLICATIONS
Isolated RS-485/RS-422 interfaces
Industrial field networks
Multipoint data transmission systems
FUNCTIONAL BLOCK DIAGRAM
ADM2682E/ADM2687E
TxD
A
B
Y
Z
DE
VCC
VCC
RxD
RE
GND1
GND2
DECODE
D
R
DECODE
ENCODE
OSCILLATOR
RECTIFIER
REGULATOR
VISOOUT
isoPower DC-TO-DC CONVERTER
VISOIN
DIGITAL ISOLATION iCoupler
ENCODE
ENCODE
DECODE
TRANSCEIVER
ISOLATION
BARRIER
Figure 1.
GENERAL DESCRIPTION
The ADM2682E/ADM2687E are fully integrated 5 kV rms
signal and power isolated data transceivers with ±15 kV ESD
protection and are suitable for high speed communication on
multipoint transmission lines. The ADM2682E/ADM2687E
include an integrated 5 kV rms isolated dc-to-dc power supply
that eliminates the need for an external dc-to-dc isolation block.
They are designed for balanced transmission lines and comply
with ANSI/TIA/EIA-485-A-98 and ISO 8482:1987(E).
The devices integrate Analog Devices, Inc., iCoupler® technology to
combine a 3-channel isolator, a three-state differential line driver, a
differential input receiver, and Analog Devices isoPower® dc-to-dc
converter into a single package. The devices are powered by a
single 5 V or 3.3 V supply, realizing a fully integrated signal and
power isolated RS-485 solution.
The ADM2682E/ADM2687E drivers have an active high enable.
An active low receiver enable is also provided, which causes the
receiver output to enter a high impedance state when disabled.
The devices have current limiting and thermal shutdown
features to protect against output short circuits and situations
where bus contention may cause excessive power dissipation.
The parts are fully specified over the industrial temperature
range and are available in a highly integrated, 16-lead, wide-
body SOIC package with >8 mm creepage and clearance.
The ADM2682E/ADM2687E contain isoPower technology that
uses high frequency switching elements to transfer power through
the transformer. Special care must be taken during printed circuit
board (PCB) layout to meet emissions standards. Refer to
AN-0971 Application Note, Recommendations for Control of
Radiated Emissions with isoPower Devices, for details on board
layout considerations.


Similar Part No. - ADM2682EBRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2682EBRIZ AD-ADM2682EBRIZ Datasheet
1Mb / 20P
5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM2682EBRIZ AD-ADM2682EBRIZ Datasheet
484Kb / 24P
5 kV rms Signal and Power Isolated
REV. 0
ADM2682EBRIZ AD-ADM2682EBRIZ Datasheet
568Kb / 12P
Evaluation Board User Guide
REV. 0
ADM2682EBRIZ-RL7 AD-ADM2682EBRIZ-RL7 Datasheet
1Mb / 20P
5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM2682EBRIZ-RL7 AD-ADM2682EBRIZ-RL7 Datasheet
484Kb / 24P
5 kV rms Signal and Power Isolated
REV. 0
More results

Similar Description - ADM2682EBRIZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2582E AD-ADM2582E Datasheet
580Kb / 20P
Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
REV. 0
ADM2682E AD-ADM2682E Datasheet
1Mb / 20P
5 kV rms Signal & Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. PrE
ADM2682E_1107 AD-ADM2682E_1107 Datasheet
484Kb / 24P
5 kV rms Signal and Power Isolated
REV. 0
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM2561E AD-ADM2561E Datasheet
562Kb / 28P
3 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
8/2020-Rev. A to Rev. B
ADM2867E AD-ADM2867E Datasheet
472Kb / 29P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver
5/2020-Revision 0
ADM2461E AD-ADM2461E Datasheet
380Kb / 21P
500 kbps, 5.7 kV RMS, Signal Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2582E AD-ADM2582E_V01 Datasheet
518Kb / 22P
Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
Rev. G
ADM2761E AD-ADM2761E Datasheet
534Kb / 24P
5.7 kV RMS Isolated, High Working Voltage, RS-485 Transceiver with 짹15 kV IEC ESD
Rev. 0
ADM2867E AD-ADM2867E_V01 Datasheet
567Kb / 28P
5.7 kV RMS Signal and Power Isolated RS-485 Transceiver with 짹15 kV IEC ESD
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com