Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM2682EBRIZ Datasheet(PDF) 2 Page - Analog Devices

Part # ADM2682EBRIZ
Description  5 kV rms Signal and Power Isolated RS-485 Transceiver with 짹15 kV ESD Protection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2682EBRIZ Datasheet(HTML) 2 Page - Analog Devices

  ADM2682EBRIZ Datasheet HTML 1Page - Analog Devices ADM2682EBRIZ Datasheet HTML 2Page - Analog Devices ADM2682EBRIZ Datasheet HTML 3Page - Analog Devices ADM2682EBRIZ Datasheet HTML 4Page - Analog Devices ADM2682EBRIZ Datasheet HTML 5Page - Analog Devices ADM2682EBRIZ Datasheet HTML 6Page - Analog Devices ADM2682EBRIZ Datasheet HTML 7Page - Analog Devices ADM2682EBRIZ Datasheet HTML 8Page - Analog Devices ADM2682EBRIZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
ADM2682E/ADM2687E
Data Sheet
Rev. C | Page 2 of 24
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
ADM2682E Timing Specifications ............................................ 4
ADM2687E Timing Specifications ............................................ 4
Package Characteristics ............................................................... 4
Regulatory Information............................................................... 5
Insulation and Safety-Related Specifications............................ 5
VDE 0884-10 Insulation Characteristics................................... 6
Absolute Maximum Ratings............................................................ 7
ESD Caution.................................................................................. 7
Pin Configuration and Function Descriptions............................. 8
Typical Performance Characteristics ............................................. 9
Test Circuits..................................................................................... 14
Switching Characteristics .............................................................. 15
Circuit Description......................................................................... 16
Signal Isolation ........................................................................... 16
Power Isolation ........................................................................... 16
Truth Tables................................................................................. 16
Thermal Shutdown .................................................................... 16
Open- and Short-Circuit, Fail-Safe Receiver Inputs.............. 16
DC Correctness and Magnetic Field Immunity........................... 16
Applications Information .............................................................. 18
PCB Layout ................................................................................. 18
EMI Considerations................................................................... 18
Insulation Lifetime..................................................................... 19
Isolated Supply Considerations ................................................ 19
Typical Applications................................................................... 20
Outline Dimensions....................................................................... 22
Ordering Guide .......................................................................... 22
REVISION HISTORY
6/15—Rev. B to Rev. C
Changes to Figure 1.......................................................................... 1
11/13—Rev. A to Rev. B
Change to Features Section ............................................................. 1
Change to Table 5 ............................................................................. 5
Changes to VDE 0884-10 Insulation Characteristics Section .... 6
6/13—Rev. 0 to Rev. A
Updated UL and VDE Certification (Throughout)..................... 1
Updated Outline Dimensions....................................................... 22
Changes to Ordering Guide .......................................................... 22
7/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com