Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGE8HT Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UGE8HT
Description  High Voltage Ultrafast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGE8HT Datasheet(HTML) 2 Page - Vishay Siliconix

  UGE8HT Datasheet HTML 1Page - Vishay Siliconix UGE8HT Datasheet HTML 2Page - Vishay Siliconix UGE8HT Datasheet HTML 3Page - Vishay Siliconix UGE8HT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UGE8HT, UGE8JT
www.vishay.com
Vishay General Semiconductor
Revision: 19-Apr-16
2
Document Number: 87926
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
RATINGS AND CHARACTERISTCS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Max. Forward Current Derating Curve
Fig. 2 - Max. Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
UGE8HT
UGE8JT
UNIT
Max. instantaneous forward voltage (1)
IF = 8 A
TJ = 25 °C
VF
1.75
V
IF = 8 A
TJ = 125 °C
1.50
Max. DC reverse current at VRWM
TJ = 25 °C
IR
30
μA
TJ = 100 °C
800
μA
TJ = 125 °C
4.0
mA
Max. reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
25
ns
IF = 1.0 A, dI/dt = 50 A/μs,
VR = 30 V, Irr = 0.1 IRM
trr
50
ns
Typical softness factor (tb/ta)
IF = 8.0 A, dI/dt = 240 A/μs,
VR = 400 V, Irr = 0.1 IRM
S
1.0
-
Max. reverse recovery current
IF = 8.0 A, dI/dt = 64 A/μs,
VR = 400 V, TC = 125 °C
IRM
5.5
A
IF = 8.0 A, dI/dt = 240 A/μs,
VR = 400 V, TC = 125 °C
IRM
10
A
Peak forward recovery time
IF = 8.0 A, dI/dt = 64 A/μs,
VF = 1.1 x VF max.
tfr
500
ns
THERMAL CHARACTERISTICS (TC = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UGE8HT
UGE8JT
UNIT
Typical thermal resistance from junction to case
R JC
2.2
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
UGE8HT-E3/45
1.80
45
50/tube
Tube
0
12
10
6
8
2
4
25
50
75
100
125
150
175
Case Temperature (°C)
Resistive or Inductive Load
UG8F
UG8, UGB8
100
10
1000
1
100
10
T
J = TJ max.
8.3 ms Single Half Sine-Wave
Number of Cycles at 60 Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com