Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGE8HT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UGE8HT
Description  High Voltage Ultrafast Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UGE8HT Datasheet(HTML) 3 Page - Vishay Siliconix

  UGE8HT Datasheet HTML 1Page - Vishay Siliconix UGE8HT Datasheet HTML 2Page - Vishay Siliconix UGE8HT Datasheet HTML 3Page - Vishay Siliconix UGE8HT Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UGE8HT, UGE8JT
www.vishay.com
Vishay General Semiconductor
Revision: 19-Apr-16
3
Document Number: 87926
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Reverse Switching Characteristics
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.5
1.0
1.5
2.0
2.5
3.0
Instantaneous Forward Voltage (V)
0.01
0.1
10
100
1
T
J = 25 °C max.
Pulse Width = 300 μs
1 % Duty Cycle
60
40
20
0
100
80
10
100
1000
10 000
1
T
J = 100 °C
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
Reverse Voltage (V)
1
0.1
10
100
100
10
1
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0
300
350
250
150
200
50
100
25
50
75
100
125
150
Q
rr
T
rr
I
F = 8.0 A
V
r =30V
50 A/μs
240 A/μs
60 A/μs
50 A/μs
60 A/μs
240 A/μs
Junction Capacitance (°C)
TO-220AC
0.415 (10.54) MAX.
0.159 (4.04) DIA.
0.143 (3.64) DIA.
0.260 (6.6)
0.236 (6.0)
0.160 (4.06)
0.140 (3.56)
0.060 (1.50)
0.047 (1.20)
0.20 (5.08)
12
0.113 (2.87)
0.103 (2.62)
0.040 (0.84)
0.024 (0.62)
PIN 1
PIN 2
CASE
0.560 (14.22)
0.530 (13.46)
0.603 (15.32)
0.573 (14.55)
0.055 (1.39)
0.045 (1.14)
0.185 (4.70)
0.175 (4.44)
0.022 (0.56)
0.014 (0.36)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com