Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLLR8C7 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVLLR8C7
Description  Cylindrical High-Intensity Red LED (5 mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLLR8C7 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVLLR8C7 Datasheet HTML 1Page - OPTEK Technologies OVLLR8C7 Datasheet HTML 2Page - OPTEK Technologies OVLLR8C7 Datasheet HTML 3Page - OPTEK Technologies OVLLR8C7 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 1 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Cylindrical High-Intensity Red LED
(5 mm)
OVLLR8C7
x
Wide viewing angle
x
High-brightness indicator
x
Industry standard lead spacing
x
Unique lens shape for flexible applications
Product Photo Here
Part Number
Material
Emitted Color
Intensity Typ. mcd
Lens Color
AllnGaP
Red
Water Clear
OVLLR8C7
570
1 ANODE
2 CATHODE
DIMENSIONS ARE IN INCHES AND [MILLIMETERS].
The OVLLR8C7 is designed for superior performance in signage and lighting applications that require wide-angle,
uniform light output. This device combines a high-intensity InGaN LED with a unique flat-topped T-1¾ package to
provide both high brightness and a wide spatial radiation pattern.
Applications
x
Channel letter and other signage backlighting
x
Decorative architectural indoor and outdoor lighting accents
x
Industrial and consumer indicators
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.
RoHS
Moisture


Similar Part No. - OVLLR8C7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLLR8C7 TTELEC-OVLLR8C7 Datasheet
337Kb / 9P
Cylindrical High-Intensity LED
OVLLR8C7 TTELEC-OVLLR8C7 Datasheet
723Kb / 8P
Cylindrical High-Intensity LED (5 mm)
11/2016
More results

Similar Description - OVLLR8C7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR5400 VISHAY-TLDR5400 Datasheet
187Kb / 6P
High Intensity LED, 5 mm Tinted Diffused
30-Aug-04
TLHF5400 VISHAY-TLHF5400 Datasheet
73Kb / 5P
High Intensity LED, 5 mm Tinted Diffused Package
04-Feb-99
TLHF5800 VISHAY-TLHF5800 Datasheet
75Kb / 5P
High Intensity LED, 5 mm Untinted Non-Diffused
04-Feb-99
TLHK5400 VISHAY-TLHK5400 Datasheet
73Kb / 5P
High Intensity LED, 5 mm Tinted Diffused Package
04-Feb-99
logo
OPTEK Technologies
OVLLB8C7 OPTEK-OVLLB8C7 Datasheet
589Kb / 4P
Cylindrical High-Intensity Blue LED(5 mm)
10/05
OVLLG8C7 OPTEK-OVLLG8C7 Datasheet
576Kb / 4P
Cylindrical High-Intensity Green LED
10/05
OVLLY8C7 OPTEK-OVLLY8C7 Datasheet
569Kb / 4P
Cylindrical High-Intensity Yellow LED
10/05
logo
Vishay Siliconix
TLHK5100 VISHAY-TLHK5100 Datasheet
265Kb / 9P
High Intensity LED, ∅ 5 mm Untinted Non-Diffused
31-Aug-04
logo
TT Electronics.
OVLLB8C7 TTELEC-OVLLB8C7 Datasheet
337Kb / 9P
Cylindrical High-Intensity LED
logo
Vishay Siliconix
TLDR6800 VISHAY-TLDR6800 Datasheet
162Kb / 6P
High Intensity LED, Ø 5 mm Clear Package
16-Mar-15
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com