Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVLLR8C7 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVLLR8C7
Description  Cylindrical High-Intensity Red LED (5 mm)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLLR8C7 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVLLR8C7 Datasheet HTML 1Page - OPTEK Technologies OVLLR8C7 Datasheet HTML 2Page - OPTEK Technologies OVLLR8C7 Datasheet HTML 3Page - OPTEK Technologies OVLLR8C7 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
10/05
Page 2 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Cylindrical High-Intensity Red LED (5 mm)
OVLLR8C7
Absolute Maximum Ratings
TA = 25o C unless otherwise noted
Note:
1.
Solder time less than 5 seconds at temperature extreme.
Electrical Characteristics
TA = 25oC unless otherwise noted
Notes:
1.
All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2.
To designate luminous intensity ranks, please contact OPTEK.
3.
Pb content <1000 PPM.
Standard Bins (IF = 20 mA)
Lamps are sorted to luminous intensity (IV) and dominant wavelength ( D) bins shown.
Orders for OVLLR8C7 may be filled with any or all bins contained as below.
Beam Pattern
Dominant Wavelength (nm)
810–1135
0R
580–810
0Q
415–580
0P
619
623
626
631
Luminous intensity is
at 0P bin or above.
R1
R2
R3
Rank
G
H
J
6
Voltage
1.8–2.0
2.0–2.2
2.2–2.4
2.4–2.6
Forward Voltage (VF)
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-40 ~ +85°C
Reverse Voltage
5 V
Continuous Forward Current
30 mA
Peak Forward Current (10% Duty Cycle, 1KHz)
100 mA
Power Dissipation
78 mW
Lead Soldering Temperature (4mm from the base of the epoxy bulb)1
260°C
LED Junction Temperature
125°C
Current Linearity vs. Ambient Temperature
-0.5 mA/°C
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
Iv
Luminous Intensity
415
570
----
mcd
IF = 20 mA
VF
Forward Voltage
----
2.2
2.6
V
IF = 20 mA
IR
Reverse Current
----
----
10
µA
VR = 5 V
P
Peak Wavelength
----
633
----
nm
IF = 20 mA
D
Dominant Wavelength
----
623
----
nm
IF = 20 mA
2 ½H-H
50% Power Angle
----
85
----
deg
IF = 20 mA



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com