Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE11545B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE11545B
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE11545B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE11545B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE11545B Datasheet HTML 2Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ACE11545B
P-Channel Enhancement Mode Field Effect Transistor
VER 1.1
1
General Description
⚫
load switch
⚫
other general applications
Features
⚫
VDS= -20V, ID=-7A
⚫
RDS(ON)@ VGS = -4.5V, TYP= 29mΩ
⚫
RDS(ON)@ VGS = -2.5V, TYP= 34mΩ
Absolute Maximum Ratings@TA=25℃ unless otherwise noted
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±10
V
Drain Current (Continuous)*AC
TA=25℃
ID
-7.0
A
TA=70℃
-5.8
Drain Current (Pulsed)*B
IDM
-30
A
Power Dissipation
TA=25℃
PD
1.25
W
Operating temperature / Storage temperature
TJ/TSTG
-55~150
℃
A: The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating is based on the t≤ 10s junction to ambient thermal resistance rating.
Thermal Resistance Ratings
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient
t ≤ 10 s
RthJA
75
100
℃/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
43
52
Ordering information
ACE11545B XX + H
BM: SOT-23-3
Pb - free
Halogen - free


Similar Part No. - ACE11545B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE115005BE ACE-ACE115005BE Datasheet
216Kb / 3P
Dual N-Channel Enhancement Mode Power MOSFET With ESD Protected
VER 1.1
ACE115005BEPD+H ACE-ACE115005BEPD+H Datasheet
216Kb / 3P
Dual N-Channel Enhancement Mode Power MOSFET With ESD Protected
VER 1.1
ACE11560LA ACE-ACE11560LA Datasheet
233Kb / 3P
60V N-Channel Power MOSFET
VER 1.1
ACE11560LAYM+H ACE-ACE11560LAYM+H Datasheet
233Kb / 3P
60V N-Channel Power MOSFET
VER 1.1
logo
Wurth Elektronik GmbH &...
ACE11560LAYMH WURTH-ACE11560LAYMH Datasheet
186Kb / 2P
Flexible ferrite absorber platte
More results

Similar Description - ACE11545B

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com