Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EK21 Datasheet(PDF) 3 Page - Cirrus Logic

Part # EK21
Description  EVALUATION KIT FOR SA07 PIN-OUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

EK21 Datasheet(HTML) 3 Page - Cirrus Logic

  EK21 Datasheet HTML 1Page - Cirrus Logic EK21 Datasheet HTML 2Page - Cirrus Logic EK21 Datasheet HTML 3Page - Cirrus Logic EK21 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
3
EK21
�
�
��
���
��
�
���
���
��
��
�� ��
��
��
��
��
��
��
�
��
��
�
��
���
�
�
���
���
���
���
���
Figure 4
Dual
Supply
Bridge
EVALUATION KIT
FOR PA74 PIN-OUT
�
�
��
�
��
��
���
���
���
���
��
�
��
��
���
�� ��
��
��
��
��
��
��
�
��
��
��
���
�
���
���
���
�
�
Figure 5
Single
Supply
Bridge
across the load. To set the gain of the circuit you must deter-
mine the desired voltage across the load at Vin = full scale.
Inserting these values into the following equation will yield the
ratio of R1 to R5.
(V
AB/(2*Vin)) = R1/R5
The values of R 1,2,3, and 5 should be chosen such that
input bias current will not cause an error voltage that is unac-
ceptable. Set R2 equal to R3 to configure the slave amplifier
as a unity gain inverter.
Figure 5 shows a typical single supply bridge circuit for an AC
coupled input signal. DC coupled inputs may require a different
topology to accommodate proper gain and offset terms for a
desired transfer function.
The gain and output voltage capability for the single supply
bridge are determined the same way as the dual supply bridge
(see AN#2). The difference is the bias requirement for the slave
amplifier. The noninverting input of the slave amplifier should
be biased at mid supply, and must be bypassed.
BRIDGE MODE OPERATION
There are two types of bridge mode operation that will be
covered in this section; dual (or split) supply and single supply.
The PA74 is well suited for both types of bridge mode opera-
tion. If another vendor’s pin compatible part is to be compared
to the PA74, a close look at output swing and input common
mode range is in order. The features that make the PA74 an
excellent choice for bridge operation are not included in most
other amplifiers. A lack of common mode range may cause
permanent damage to other pin compatible parts and the in-
ability of other amplifiers to swing close to the supply rails may
cause a lack of available output voltage at the load as well as
increase internal dissipation.
The circuit shown in Figure 4 is a dual supply bridge using
the “master-slave” configuration. Resistors R 6,7,8,9,14,15
and J1 should be shorts. The available output voltage swing
is Vss–(2*Vsat). If operating a PA74A at 3 Amps and 30 Volts
total supply this translates to:
V
AB(max) = 30–(2*3.5) = 23
Of course this 23 volts may be applied in either direction



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com