Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EK21 Datasheet(PDF) 1 Page - Cirrus Logic

Part # EK21
Description  EVALUATION KIT FOR SA07 PIN-OUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

EK21 Datasheet(HTML) 1 Page - Cirrus Logic

  EK21 Datasheet HTML 1Page - Cirrus Logic EK21 Datasheet HTML 2Page - Cirrus Logic EK21 Datasheet HTML 3Page - Cirrus Logic EK21 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
NOTE: Refer to HS11 Heatsink in Accessories section
INTRODUCTION
This easy-to-use kit provides a platform for the evaluation
of power op amps that use the PA74 pin-out configuration. It
can be used to analyze a multitude of standard or proprietary
circuit configurations. In addition, it is flexible enough to do most
standard amplifier test configurations.
The schematic for 1/2 of the PC board is shown in Figure 2.
The schematic for the other half is identical except part refer-
ence designators are primed (i.e. R1 = R1'). Note that all of
the components shown on the schematic will probably not be
used for any single circuit. The component locations on the PC
board (See Figure 3) provide maximum flexibility for a variety
of configurations. Also included are loops for current probes as
well as connection pads on the edge of the PC board for easy
interconnects.
The hardware required to mount the PC board and the device
under evaluation to the heatsink are included in the kit. Because
of the limitless combination of configurations and component
values that can be used, no other parts are included in this kit.
However, generic formulas and guidelines are included in the
APEX DATABOOK and this evaluation kit documentation.
BEFORE YOU GET STARTED
• All Apex amplifiers should be handled using proper ESD
precautions!
• Initially set all power supplies to the minimum operating levels
allowed in the device data sheet.
• Check for oscillations.
• Always use the heatsink included in this kit with thermal grease
or a TW03 and torque the part to the specified 4-7 in-lbs
(.45-.79 N•M).
• Do not change connections while the circuit is under pow-
er.
• Never exceed any of the absolute maximums listed in the
device data sheet.
• Always use adequate power supply bypassing.
• Remember that internal power does not equal load power.
• Do not count on internal diodes to protect the output against
sustained, high frequency, high energy kickback pulses.
�������������
����������������
��������
�������������
������������
�������
��������
�������������
��������
��������
��������
����������
��������
������������
��������
Figure 1
PARTS LIST
Part #
Description
Quantity
HS11
Heatsink
1
EVAL02
PC Board
1
MS03
Mating Socket
2
HWRE01
Hardware Kit
1
TW03
Thermal Washer
1 Box/10
HWRE01 contains the following:
4 #8 Panhead Screw
4 #6 x 1.25" Panhead Screw
4 #8 .375" Hex Spacer
4 #6 x 5/16" Hex Nut
4 #8 1.00" Hex Standoff
2 #6 x 1/4" Hex Nut
ASSEMBLY HINTS
The mating sockets included with this kit have recessed
nut sockets for mounting the device under evaluation. This
allows assembly from one side of the heatsink, making it easy
to swap devices under evaluation. The sizes of the stand-offs
were selected to allow proper spacing of the board-to-heatsink
and allow enough height for components when the assembly
is inverted.
ASSEMBLY
1. Insert a #6 x 5/16" hex nut in each of the nut socket recesses
located on the bottom of the mating socket.
2. Insert the socket into the pc board until it is firmly pressed
against the ground plane side of the pc board.
3. Solder the socket in place (see Figure 1). Be sure the nuts
are in the recesses prior to soldering.
4. Mount the PC board assembly to the heatsink using the
stand-offs and spacers included.
5. Apply thermal grease or a TW03 to the bottom of the device
under evaluation. Insert into the mating socket through the
heatsink.
6. Use the #6 x 1.25" panhead screws to mount the amplifier to
the heat sink. Do not overtorque. Recommended mounting
torque is 4-7 in-lbs (.45-.79 N•M).
Mounting precautions, general operating considerations,
and heatsinking information may be found in the APEX DATA
BOOK.
��������������������������������������������������������������
� � � � � � � � � � � � � � �
�������������������������������
����


Similar Part No. - EK21

ManufacturerPart #DatasheetDescription
logo
Greenlee Communications
EK21011 GREENLEE-EK21011 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
EK21012 GREENLEE-EK21012 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
EK21022 GREENLEE-EK21022 Datasheet
3Mb / 50P
WIRE & CABLE TERMINATION
More results

Similar Description - EK21

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK03 APEX-EK03 Datasheet
223Kb / 4P
EVALUATION KIT FOR SA03 PIN-OUT
EK04 APEX-EK04 Datasheet
505Kb / 5P
EVALUATION KIT FOR PA04 PIN-OUT
EK06 APEX-EK06 Datasheet
174Kb / 2P
EVALUATION KIT FOR SA60 PIN-OUT
EK07 APEX-EK07 Datasheet
491Kb / 4P
EVALUATION KIT FOR SA07 PIN-OUT
EK15 APEX-EK15 Datasheet
257Kb / 4P
EVALUATION KIT FOR SA08 PIN-OUT
EK19 APEX-EK19 Datasheet
161Kb / 2P
EVALUATION KIT FOR SA07 PIN-OUT
EK26 APEX-EK26 Datasheet
199Kb / 2P
EVALUATION KIT FOR PA60EU PIN-OUT
EK52 APEX-EK52 Datasheet
450Kb / 4P
EVALUATION KIT FOR MP230FC/MP240FC PIN OUT
EK60 APEX-EK60 Datasheet
412Kb / 3P
EVALUATION KIT FOR PA78 PIN-OUT
EK01 APEX-EK01 Datasheet
247Kb / 4P
EVALUATION KIT FOR SA01 PIN-OUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com