Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGP30C Datasheet(PDF) 2 Page - Vishay Siliconix

Part # FGP30C
Description  Glass Passivated Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FGP30C Datasheet(HTML) 2 Page - Vishay Siliconix

  FGP30C Datasheet HTML 1Page - Vishay Siliconix FGP30C Datasheet HTML 2Page - Vishay Siliconix FGP30C Datasheet HTML 3Page - Vishay Siliconix FGP30C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FGP30B, FGP30C, FGP30D
www.vishay.com
Vishay General Semiconductor
Revision: 12-Dec-13
2
Document Number: 88878
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
Notes
(1) Thermal resistance from junction to ambient at 0.375" (9.5 mm) lead length and mounted on PCB with 1.1" x 1.1" (30 mm x 30 mm) copper pads
(2) Thermal resistance from junction to lead at 0.375" (9.5 mm) lead length with both leads attached to heatsinks
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
FGP30B
FGP30C
FGP30D
UNIT
Maximum instantaneous
forward voltage
3.0 A
VF (1)
0.95
V
Maximum DC reverse current at
rated DC blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 100 °C
50
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
35
ns
Typical junction capacitance
4.0 V, 1 MHz
CJ
70
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
FGP30B
FGP30C
FGP30D
UNIT
Typical thermal resistance
RJA (1)
55
°C/W
RJL (2)
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
FGP30D-E3/54
0.452
54
4000
13" diameter paper tape and reel
FGP30D-E3/73
0.452
73
2000
Ammo pack packaging
FGP30DHE3/54 (1)
0.452
54
4000
13" diameter paper tape and reel
FGP30DHE3/73 (1)
0.452
73
2000
Ammo pack packaging
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
25
50
75
100
125
150
175
Ambient Temperature (°C)
1
10
100
25
50
75
100
125
150
0
Number of Cycles at 60 Hz
T
J = TJ Max.
8.3 ms Single Half Sine-Wave



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com