Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGP30C Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FGP30C
Description  Glass Passivated Ultrafast Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FGP30C Datasheet(HTML) 3 Page - Vishay Siliconix

  FGP30C Datasheet HTML 1Page - Vishay Siliconix FGP30C Datasheet HTML 2Page - Vishay Siliconix FGP30C Datasheet HTML 3Page - Vishay Siliconix FGP30C Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FGP30B, FGP30C, FGP30D
www.vishay.com
Vishay General Semiconductor
Revision: 12-Dec-13
3
Document Number: 88878
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.2
0.4
0.8
1.0
1.2
0.6
100
10
1
0.1
0.01
Instantaneous Forward Voltage (V)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 175 °C
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
100
10
1
0.1
0.01
0.001
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 175 °C
Reverse Voltage (V)
1000
100
10
1
0.1
1
10
100
1
10
100
0.01
0.1
1
10
100
t - Pulse Duration (s)
DO-204AC (DO-15)
0.034 (0.86)
0.028 (0.71)
DIA.
0.140 (3.6)
0.104 (2.6)
DIA.
1.0 (25.4)
MIN.
0.300 (7.6)
0.230 (5.8)
1.0 (25.4)
MIN.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com