Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE13019B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE13019B
Description  N-Channel Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE13019B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE13019B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE13019B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE13019B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE13019B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE13019B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ACE13019B
N-Channel Plastic-Encapsulate MOSFETS
VER 1.1
2
Electrical Characteristics TA=25 OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Off Characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=10uA
30
V
Zero Gate Voltage Drain Current
IDSS
VDS=30V, VGS=0V
1
uA
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
±100
nA
Gate Threshold Voltage
VGS(th)
VDS=3V, IDS=100uA
0.8
1.5
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=4V, ID=10mA
8
m
Ω
VGS=2.5V, ID=1mA
13
Forward Transconductance
gFS
VDS=3V, ID=10A
20
S
Dynamic Characteristics*
Input Capacitance
Ciss
VDS=5V, VGS=0V
f=1MHz
13
pF
Output Capacitance
Coss
9
Reverse Transfer Capacitance
Crss
4
Switching Characteristics*
Turn-On Delay Time
Td(on)
VDD=5V, VGS=5V
ID=10mA,
RG=10
Ω
RL=500
Ω
15
ns
Turn-On Rise Time
tf
35
Turn-Off Delay Time
td(off)
80
Turn-Off Fall Time
tf
80
* These parameters have no way to verify.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com