Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE13019B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE13019B
Description  N-Channel Plastic-Encapsulate MOSFETS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE13019B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE13019B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE13019B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE13019B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE13019B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE13019B Datasheet HTML 5Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ACE13019B
N-Channel Plastic-Encapsulate MOSFETS
VER 1.1
1
Features
Low on-resistance
Fast switching speed
Low voltage drive makes this device ideal for portable equipment
Easily designed drive circuits
Easy to parallel
Absolute Maximum Ratings (Ta = 25°C unless otherwise noted)
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
ID
0.1
A
Thermal Resistance, Junction-to-Ambient
RθJA
833
℃/W
Power Dissipation
PD
0.15
W
Junction Temperature
TJ
150
℃
Storage Temperature
Tstg
-55~+150
℃
Packaging Type
SOT-523
Ordering information
ACE13019B XX + H
KM:SOT-523
Pb - free
Halogen - free


Similar Part No. - ACE13019B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE13038A ACE-ACE13038A Datasheet
204Kb / 3P
Dual N-Channel Enhancement Mode MOSFET
VER 1.1
ACE13038AHM+H ACE-ACE13038AHM+H Datasheet
204Kb / 3P
Dual N-Channel Enhancement Mode MOSFET
VER 1.1
ACE13043A ACE-ACE13043A Datasheet
203Kb / 3P
N-Channel Enhancement Mode MOSFET
VER 1.1
ACE13043ACM+H ACE-ACE13043ACM+H Datasheet
203Kb / 3P
N-Channel Enhancement Mode MOSFET
VER 1.1
ACE130P100B ACE-ACE130P100B Datasheet
576Kb / 6P
P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE13019B

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
CJB04N65A ZPSEMI-CJB04N65A Datasheet
539Kb / 2P
Plastic-Encapsulate MOSFETS
CJD04N60B ZPSEMI-CJD04N60B Datasheet
701Kb / 3P
Plastic-Encapsulate MOSFETS
CJP08N65 ZPSEMI-CJP08N65 Datasheet
526Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF04N65A ZPSEMI-CJPF04N65A Datasheet
513Kb / 2P
Plastic-Encapsulate MOSFETS
CJPF07N60 ZPSEMI-CJPF07N60 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
CJPF10N65 ZPSEMI-CJPF10N65 Datasheet
969Kb / 3P
Plastic-Encapsulate MOSFETS
CJS8804 ZPSEMI-CJS8804 Datasheet
1Mb / 3P
Plastic-Encapsulate MOSFETS
logo
SEC Electronics Inc.
2N7002T SECELECTRONICS-2N7002T Datasheet
191Kb / 3P
N-Channel Plastic- Encapsulate MOSFETS
logo
ACE Technology Co., LTD...
ACE122004KC ACE-ACE122004KC Datasheet
189Kb / 3P
Dual N-Channel Plastic-Encapsulate MOSFETS
VER 1.1
logo
Shenzhen Luguang Electr...
2SK3018 LUGUANG-2SK3018 Datasheet
1Mb / 5P
SOT-323 Plastic-Encapsulate N-channel MOSFETS
Revision:20220701-P1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com