Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE17409B Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE17409B
Description  P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE17409B Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE17409B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE17409B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE17409B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE17409B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE17409B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE17409B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE17409B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE17409B
P-Channel Enhancement Mode Power MOSFET
VER 1.2
3
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Drain-Source
Breakdown
Voltage
V(BR)DSS)
VGS = 0V, ID = -250 uA
-30
V
Zero Gate Voltage
Drain Current
IDSS
VDS= -30 V, VGS= 0V
-1
uA
Gate Threshold
Voltage
VGS(TH)
VGS = VDS, IDS = -250 uA
-1
-1.6
-3
V
Gate Leakage
Current
IGSS
VGS= ±20 V, VDS= 0V
±100
nA
Drain-Source
On-state
Resistance
RDS(on)
VGS = -10 V, ID =-7 A
11
15
mΩ
VGS = -4.5 V, ID = -10A
17
22
Diode Forward
Voltage
VSD
ISD=-1A, VGS = 0 V
-1
V
Diode Forward
Current
IS
TC=25℃
-36
A
Switching
Total Gate Charge
Qg
V
GS= -10 V, VDS = -15V, ID= -9 A
30
nC
Gate-Source
Charge
Q
gs
4.6
Gate-Drain
Charge
Q
gd
10
Turn-On Delay
Time
t
d(on)
V
GS= -10V, VDS=-15V, RL = 1.6Ω,
R
GEN= 3Ω
11
ns
Turn-On Rise
Time
t
r
9.4
Turn-Off Delay
Time
t
d(off)
24
Turn-Off Fall Time
t
f
12
Dynamic
Input Capacitance
Ciss
VDS= -15V,VGS=0V, f=1.0MHz
2060
pF
Output
Capacitance
Coss
370
Reverse Transfer
Capacitance
Crss
295
Note :
a. The value of RθJA is measured with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still
air environment with TA=25°C. The value in any given application depends on the user's specific
board design.
b. Repetitive rating, pulse width limited by junction temperature.
c.
The current rating is based on the t≤ 10s junction to ambient thermal resistance rating



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com