Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE17409B Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE17409B
Description  P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE17409B Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE17409B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE17409B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE17409B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE17409B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE17409B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE17409B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE17409B Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ACE17409B
P-Channel Enhancement Mode Power MOSFET
VER 1.2
6
Packing Information
PDFN3*3-8L
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min
Nom
Max
Min
Nom
Max
A
0.700
0.800
0.900
0.028
0.031
0.035
A1
0.025
0.050
0.001
0.002
b
0.240
0.300
0.350
0.009
0.012
0.014
c
0.100
0.150
0.250
0.004
0.006
0.010
D
2.900
3.000
3.100
0.114
0.118
0.122
D1
2.250
2.350
2.450
0.089
0.093
0.097
D2
0.300
0.400
0.500
0.012
0.016
0.020
D3
2.500
2.600
2.700
0.098
0.102
0.106
D4
3.000
3.100
3.200
0.118
0.122
0.126
E
2.900
3.000
3.100
0.114
0.118
0.122
E1
3.100
3.200
3.300
0.122
0.126
0.130
E2
1.650
1.750
1.850
0.065
0.069
0.073
E3
0.480
0.580
0.680
0.019
0.023
0.027
E4
0.230
0.330
0.430
0.009
0.013
0.017
E5
0.200
0.300
0.400
0.008
0.012
0.016
E6
0.075
0.125
0.175
0.003
0.005
0.007
e
0.600
0.650
0.700
0.024
0.026
0.028
K
0.520
0.620
0.720
0.020
0.024
0.028
L
0.300
0.400
0.500
0.012
0.016
0.020
L1
0.050
0.100
0.002
0.004
L2
0.330
0.430
0.530
0.013
0.017
0.021
L3
0.275
0.375
0.475
0.011
0.015
0.019
θ
0°
10°
12°
0°
10°
12°



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com