Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT1663 Datasheet(PDF) 4 Page - Neotec Semiconductor Ltd.

Part # NT1663
Description  Lithium-lon/Polymer/Iron Protector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.

NT1663 Datasheet(HTML) 4 Page - Neotec Semiconductor Ltd.

  NT1663 Datasheet HTML 1Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 2Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 3Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 4Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 5Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 6Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 7Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 8Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 9Page - Neotec Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
NT1660/NT1662/NT1663
/NT1664 Series
© Neotec Semiconductor Ltd.,
4/10
NT166xA DS V1.04
www.neotec.com.tw
The above information is the exclusive intellectual property of Neotec Semiconductor Ltd. and shall not be disclosed, distributed without permission from Neotec.
NT1664A
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
1K
Ω
1K
Ω
1K
Ω
1K
Ω
1K
Ω
0.1uF
BAT10
BAT9
BAT8
BAT7
BAT6
P+
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
1K
Ω
1K
Ω
1K
Ω
1K
Ω
1K
Ω
0.1uF
BAT5
BAT4
BAT3
BAT2
BAT1
7.5M
Ω
2.4M
Ω
P-
46
1
2
3
4
5
6
10
13
14
15
16
17
18
8
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
1K
Ω
1K
Ω
1K
Ω
1K
Ω
1K
Ω
0.1uF
BAT15
BAT14
BAT13
BAT12
BAT11
22
25
26
27
28
29
30
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
1K
Ω
1K
Ω
1K
Ω
1K
Ω
1K
Ω
0.1uF
BAT20
BAT19
BAT18
BAT17
BAT16
34
37
38
39
40
41
42
31
44
43
7
20
19
32
NT1664A
470K
Ω
10M
Ω
10M
Ω
10M
Ω
G
D
S
Q1
NMOS
0.001uF
VDD1
0.001uF
VDD2
0.001uF
VDD3
0.1uF
VDD1
VDD2
VDD3
D1
VDD2
V10
V9
V8
V7
V6
VSS2
VDD1
V5
V4
V3
V2
V1
VSS1
CO1
VDD3
V15
V14
V13
V12
V11
VSS3
VDD4
V20
V19
V18
V17
V16
VSS4
CTLC4
CTLC3
CO4
CTLC1
CO2
CTLC2
CO3
470
Ω
SD1
470
Ω
SD2
470
Ω
SD3
470
Ω
SD4
These devices have limited build-in ESD protection. The leads must be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com