Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT1663 Datasheet(PDF) 10 Page - Neotec Semiconductor Ltd.

Part # NT1663
Description  Lithium-lon/Polymer/Iron Protector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.

NT1663 Datasheet(HTML) 10 Page - Neotec Semiconductor Ltd.

Back Button NT1663 Datasheet HTML 2Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 3Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 4Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 5Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 6Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 7Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 8Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 9Page - Neotec Semiconductor Ltd. NT1663 Datasheet HTML 10Page - Neotec Semiconductor Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NT1660/NT1662/NT1663
/NT1664 Series
© Neotec Semiconductor Ltd.,
10/10
NT166xA DS V1.04
www.neotec.com.tw
The above information is the exclusive intellectual property of Neotec Semiconductor Ltd. and shall not be disclosed, distributed without permission from Neotec.
Ordering Information
NT166xA(x=0,2,3,4)-XXX XX
Product version code:
Table 1: Detection threshold level
Product
Name
Version
Code
Package
Type
Over-
charge
detection
voltage
VDET1
(V)
Over-
charge
release
voltage
VREL1
(V)
Overcharge
detection
delay time
tVDET1
(s)
±30%
Overcharge
release
condition
Built-in
breaking wire
detector
function
NT1660A
F1A
S2
4.250
4.150
1
Voltage release
Yes
NT1660A
J1A
S2
4.300
4.200
1
NT1662A
F1A
Q4
4.250
4.150
1
NT1662A
J1A
Q4
4.300
4.200
1
NT1663A
F1A
L1
4.250
4.150
1
NT1663A
J1A
L1
4.300
4.200
1
NT1664A
F1A
L1
4.250
4.150
1
NT1664A
J1A
L1
4.300
4.200
1
Package Type
 S2: SOP-8L(NT1660A)
 Q4: TSSOP-20L(NT1662A)
 L1: LQFP-48L(NT1663A/NT1664A)
Version Code



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com