Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT1663A-F1AL1 Datasheet(PDF) 5 Page - Neotec Semiconductor Ltd.

Part # NT1663A-F1AL1
Description  Lithium-lon/Polymer/Iron Protector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.

NT1663A-F1AL1 Datasheet(HTML) 5 Page - Neotec Semiconductor Ltd.

  NT1663A-F1AL1 Datasheet HTML 1Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 2Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 3Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 4Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 5Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 6Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 7Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 8Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 9Page - Neotec Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NT1660/NT1662/NT1663
/NT1664 Series
© Neotec Semiconductor Ltd.,
5/10
NT166xA DS V1.04
www.neotec.com.tw
The above information is the exclusive intellectual property of Neotec Semiconductor Ltd. and shall not be disclosed, distributed without permission from Neotec.
Package and Pin Configurations
SOP-8L
Top view
1
2
3
4
8
7
6
5
NT1660A
TSSOP-20L
Top view
1 2 3 4 5 6 7 8 9 10
20 19 18 17 16 15 14 13 12 11
NT1662A
LQFP - 48L
1
2
3
4
5
6
7
8
9
10 11 12
25
26
27
28
29
30
31
32
33
34
35
36
Top view
13
14
15
6
17
18
19
20
21
22
23
24
37
38
39
40
41
42
43
44
45
46
47
48
NT1663A/NT1664A
Pin No
Symbol
Pin description
NT1660A
NT1662A
NT1663A
NT1664A
1
-
-
-
VDD
Power supply input pin
-
3
6
6
VDD1
Power supply input pin -1
-
13
18
18
VDD2
Power supply input pin -2
-
-
30
30
VDD3
Power supply input pin -3
-
-
-
42
VDD4
Power supply input pin -4
3
-
-
-
VSS
Reference voltage
-
17
46
46
VSS1
Reference voltage -1
-
7
10
10
VSS2
Reference voltage -2
-
-
22
22
VSS3
Reference voltage -3
-
-
-
34
VSS4
Reference voltage -4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com