Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NT1663A-F1AL1 Datasheet(PDF) 2 Page - Neotec Semiconductor Ltd.

Part # NT1663A-F1AL1
Description  Lithium-lon/Polymer/Iron Protector
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEOTEC [Neotec Semiconductor Ltd.]
Direct Link  http://www.neotec.com.tw/
Logo NEOTEC - Neotec Semiconductor Ltd.

NT1663A-F1AL1 Datasheet(HTML) 2 Page - Neotec Semiconductor Ltd.

  NT1663A-F1AL1 Datasheet HTML 1Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 2Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 3Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 4Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 5Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 6Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 7Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 8Page - Neotec Semiconductor Ltd. NT1663A-F1AL1 Datasheet HTML 9Page - Neotec Semiconductor Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NT1660/NT1662/NT1663
/NT1664 Series
© Neotec Semiconductor Ltd.,
2/10
NT166xA DS V1.04
www.neotec.com.tw
The above information is the exclusive intellectual property of Neotec Semiconductor Ltd. and shall not be disclosed, distributed without permission from Neotec.
NT1662A
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
1K
Ω
1K
Ω
1K
Ω
1K
Ω
1K
Ω
0.1uF
BAT10
BAT9
BAT8
BAT7
BAT6
P+
0.1uF
0.1uF
0.1uF
0.1uF
0.1uF
1K
Ω
1K
Ω
1K
Ω
1K
Ω
1K
Ω
0.1uF
BAT5
BAT4
BAT3
BAT2
BAT1
7.5M
Ω
2.4M
Ω
P-
17
18
19
20
1
2
3
7
8
9
10
11
12
13
5
4
15
14
10M
Ω
G
D
S
Q1
NMOS
NT1662A
470K
Ω
0.001uF
VDD1
0.1uF
VDD1
D1
VDD2
V10
V9
V8
V7
V6
VSS2
CTLC2
VDD1
V5
V4
V3
V2
V1
VSS1
CO1
CTLC1
CO2
470
Ω
SD2
470
Ω
SD1
These devices have limited build-in ESD protection. The leads must be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com