Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVFSAAC8 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVFSAAC8
Description  4-Pin Amber LED Lamp (7.6mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVFSAAC8 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVFSAAC8 Datasheet HTML 1Page - OPTEK Technologies OVFSAAC8 Datasheet HTML 2Page - OPTEK Technologies OVFSAAC8 Datasheet HTML 3Page - OPTEK Technologies OVFSAAC8 Datasheet HTML 4Page - OPTEK Technologies OVFSAAC8 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue 1.0
0505
Page 1
4-Pin Amber LED Lamp (7.6mm)
OVFSAAC8
x
Packaged in tubes
x
Compatible with automatic placement equipment
x
Compatible with infrared and vapor phase reflow solder process
x
Mono-color type
x
Pb-free
The OVFSAAC8 is designed with higher forward voltage to maximize brightness and incorporates a low-profile
lens to enhance efficient light distribution. Response time is fast and it consumes less power resulting in low cur-
rent requirements from circuit power supply. Tubular arrays replace neon in outdoor and indoor signs. This square
package allows high-density arrays to form light engines.
Applications
x
Automotive: Rear Stop/Turn Signal Lamps/Truck Marker Lamps
x
Mood-setting Decoration and Landscape Lighting
x
Special Decorative Interior/Exterior Lighting
x
Special Effects Stage Lighting
x
Illumination for Signs and Channel Letters
x
Traffic Signals, Pedestrian and Walkway Signs
Product Photo Here
RoHS
Data is subject to change without prior notice.
Part Number
Material
Emitted Color
Flux Typ. mlm
OVFSAAC8
AlInGaP
Amber
5000
Lens Color
Water Clear
2,3 ANODE
1,4 CATHODE


Similar Part No. - OVFSAAC8

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVFSAAC8 TTELEC-OVFSAAC8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSAAC8 TTELEC-OVFSAAC8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSAAC8 TTELEC-OVFSAAC8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSAAC8 TTELEC-OVFSAAC8 Datasheet
617Kb / 6P
4-Pin LED Lamp (7.6 mm)
OVFSAAC8 TTELEC-OVFSAAC8 Datasheet
1Mb / 6P
4-Pin LED Lamp (7.6 mm)
03/2022
More results

Similar Description - OVFSAAC8

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-7676CSEC-H KINGBRIGHT-L-7676CSEC-H Datasheet
85Kb / 3P
7.6mm X 7.6mm SUPER FLUX LED LAMP
L-7676CSYC-H KINGBRIGHT-L-7676CSYC-H Datasheet
92Kb / 3P
7.6mm X 7.6mm SUPER FLUX LED LAMP
logo
OPTEK Technologies
OVFSB6C8 OPTEK-OVFSB6C8 Datasheet
633Kb / 5P
4-Pin Blue LED Lamp (7.6mm)
OVFSG6C8 OPTEK-OVFSG6C8 Datasheet
625Kb / 5P
4-Pin Green LED Lamp (7.6mm)
OVFSQ4C8 OPTEK-OVFSQ4C8 Datasheet
645Kb / 5P
4-Pin Red-Orange LED Lamp
OVFSRAC8 OPTEK-OVFSRAC8 Datasheet
629Kb / 5P
4-Pin Red LED Lamp (7.6mm)
OVFSW6C8 OPTEK-OVFSW6C8 Datasheet
684Kb / 6P
4-Pin White LED Lamp (7.6mm)
logo
Kingbright Corporation
WP76761CSEC-E KINGBRIGHT-WP76761CSEC-E Datasheet
80Kb / 3P
7.6mm x 7.6mm SUPER FLUX LED LAMP
WP76761CSEC-J KINGBRIGHT-WP76761CSEC-J Datasheet
133Kb / 4P
7.6mm x 7.6mm SUPER FLUX LED LAMP
logo
TT Electronics.
OVSPAAC5R8 TTELEC-OVSPAAC5R8 Datasheet
726Kb / 5P
1-Watt SMD Amber LED Lamp (7mm)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com