Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OVFSAAC8 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OVFSAAC8
Description  4-Pin Amber LED Lamp (7.6mm)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVFSAAC8 Datasheet(HTML) 2 Page - OPTEK Technologies

  OVFSAAC8 Datasheet HTML 1Page - OPTEK Technologies OVFSAAC8 Datasheet HTML 2Page - OPTEK Technologies OVFSAAC8 Datasheet HTML 3Page - OPTEK Technologies OVFSAAC8 Datasheet HTML 4Page - OPTEK Technologies OVFSAAC8 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Issue 1.0
0505
Page 2
4-Pin Amber LED Lamp (7.6mm)
OVFSAAC8
Storage Temperature Range
-40 ~ +100°C
Operating Temperature Range
-40 ~ +100°C
Lead Soldering Temperature (3mm from the base of the epoxy bulb)1
260°C
Reverse Voltage
5 V
Continuous Forward Current2
70 mA
Peak Forward Current (10% Duty Cycle, PW
”  —VHF
200 mA
Power Dissipation
210 mW
Absolute Maximum Ratings
TA = 25o C unless otherwise noted
Notes:
1.
Solder time less than 5 seconds at temperature extreme.
2.
Heat sink is adequate if the device is operated at ambient temperature higher than 25°C. For long term performance the drive currents
between 10mA and 50mA are recommended. Please contact an Optek sales representative for more information on recommended drive
conditions.
Electrical Characteristics
TA = 25o C unless otherwise noted
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
lumen
Luminous Flux
3000
5000
----
mlm
IF = 70mA
VF
Forward Voltage
----
2.5
3.0
V
IF = 70mA
IR
Reverse Current
----
----
100
µA
VR = 5V
D
Dominant Wavelength
584
591
599
nm
IF = 70mA
2 ½
50% Power Angle
----
100
----
deg
IF = 70mA
Standard Bins (IF = 70mA)
Lamps are sorted to luminous flux ( V), forward voltage (VF), and dominant wavelength ( D) bins shown.
Orders for OVFSAAC8 may be filled with any or all bins contained as below.
Rank
V3
V4
V5
V6
V7
Voltage (V)
2.0–2.2
2.2–2.4
2.4–2.6
2.6–2.8
2.8–3.0
Forward Voltage (VF)
Important Notes:
1. All ranks will be included per delivery, rank ratio will be based on the chip distribution.
2. To designate luminous intensity ranks, please contact OPTEK.
5000-7300
M
4000-6100
L
3500-4800
K
3000-4200
J
Dominant Wavelength (nm)
Luminous flux is at
J bin or above.
584
599
590
593
596
587
X2
X3
X4
X5
X6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com